Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62T85BQ6 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST62T85BQ6
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T85BQ6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST62T85BQ6 Datasheet HTML 60Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 61Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 62Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 63Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 64Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 65Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 66Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 67Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
64/78
ST62T85B/E85B
Opcode Map Summary. The following table contains an opcode map for the instructions used by the ST6
LOW
0
0000
1
0001
2
0010
3
0011
4
0100
5
0101
6
0110
7
0111
LOW
HI
HI
0
0000
2
JRNZ 4
CALL 2
JRNC 5
JRR 2
JRZ
2
JRC 4
LD
0
0000
e
abc
e
b0,rr,ee
e
#
e
a,(x)
1pcr 2
ext 1pcr 3
bt 1
pcr
1
prc 1
ind
1
0001
2
JRNZ 4
CALL 2
JRNC 5
JRS 2
JRZ 4
INC 2
JRC 4
LDI
1
0001
e
abc
e
b0,rr,ee
e
x
e
a,nn
1pcr 2
ext 1pcr 3
bt 1
pcr 1
sd 1prc 2
imm
2
0010
2
JRNZ 4
CALL 2
JRNC 5
JRR 2
JRZ
2
JRC 4
CP
2
0010
e
abc
e
b4,rr,ee
e
#
e
a,(x)
1pcr 2
ext 1pcr 3
bt 1
pcr
1
prc 1
ind
3
0011
2
JRNZ 4
CALL 2
JRNC 5
JRS 2
JRZ 4
LD 2
JRC 4
CPI
3
0011
e
abc
e
b4,rr,ee
e
a,x
e
a,nn
1pcr 2
ext 1pcr 3
bt 1
pcr 1
sd 1prc 2
imm
4
0100
2
JRNZ 4
CALL 2
JRNC 5
JRR 2
JRZ
2
JRC 4
ADD
4
0100
e
abc
e
b2,rr,ee
e
#
e
a,(x)
1pcr 2
ext 1pcr 3
bt 1
pcr
1
prc 1
ind
5
0101
2
JRNZ 4
CALL 2
JRNC 5
JRS 2
JRZ 4
INC 2
JRC 4
ADDI
5
0101
e
abc
e
b2,rr,ee
e
y
e
a,nn
1pcr 2
ext 1pcr 3
bt 1
pcr 1
sd 1prc 2
imm
6
0110
2
JRNZ 4
CALL 2
JRNC 5
JRR 2
JRZ
2
JRC 4
INC
6
0110
e
abc
e
b6,rr,ee
e
#
e
(x)
1pcr 2
ext 1pcr 3
bt 1
pcr
1
prc 1
ind
7
0111
2
JRNZ 4
CALL 2
JRNC 5
JRS 2
JRZ 4
LD 2
JRC
7
0111
e
abc
e
b6,rr,ee
e
a,y
e
#
1pcr 2
ext 1pcr 3
bt 1
pcr 1
sd 1prc
8
1000
2
JRNZ 4
CALL 2
JRNC 5
JRR 2
JRZ
2
JRC 4
LD
8
1000
e
abc
e
b1,rr,ee
e
#
e
(x),a
1pcr 2
ext 1pcr 3
bt 1
pcr
1
prc 1
ind
9
1001
2
RNZ
4
CALL 2
JRNC 5
JRS 2
JRZ 4
INC 2
JRC
9
1001
e
abc
e
b1,rr,ee
e
v
e
#
1pcr 2
ext 1pcr 3
bt 1
pcr 1
sd 1prc
A
1010
2
JRNZ 4
CALL 2
JRNC 5
JRR 2
JRZ
2
JRC 4
AND
A
1010
e
abc
e
b5,rr,ee
e
#
e
a,(x)
1pcr 2
ext 1pcr 3
bt 1
pcr
1
prc 1
ind
B
1011
2
JRNZ 4
CALL 2
JRNC 5
JRS 2
JRZ 4
LD 2
JRC 4
ANDI
B
1011
e
abc
e
b5,rr,ee
e
a,v
e
a,nn
1pcr 2
ext 1pcr 3
bt 1
pcr 1
sd 1prc 2
imm
C
1100
2
JRNZ 4
CALL 2
JRNC 5
JRR 2
JRZ
2
JRC 4
SUB
C
1100
e
abc
e
b3,rr,ee
e
#
e
a,(x)
1pcr 2
ext 1pcr 3
bt 1
pcr
1
prc 1
ind
D
1101
2
JRNZ 4
CALL 2
JRNC 5
JRS 2
JRZ 4
INC 2
JRC 4
SUBI
D
1101
e
abc
e
b3,rr,ee
e
w
e
a,nn
1pcr 2
ext 1pcr 3
bt 1
pcr 1
sd 1prc 2
imm
E
1110
2
JRNZ 4
CALL 2
JRNC 5
JRR 2
JRZ
2
JRC 4
DEC
E
1110
e
abc
e
b7,rr,ee
e
#
e
(x)
1pcr 2
ext 1pcr 3
bt 1
pcr
1
prc 1
ind
F
1111
2
JRNZ 4
CALL 2
JRNC 5
JRS 2
JRZ 4
LD 2
JRC
F
1111
e
abc
e
b7,rr,ee
e
a,w
e
#
1pcr 2
ext 1pcr 3
bt 1
pcr 1
sd 1prc
Abbreviations for Addressing Modes: Legend:
dir
Direct
#
Indicates Illegal Instructions
sd
Short Direct
e
5 Bit Displacement
imm
Immediate
b
3 Bit Address
inh
Inherent
rr
1byte dataspace address
ext
Extended
nn
1 byte immediate data
b.d
Bit Direct
abc
12 bit address
bt
Bit Test
ee
8 bit Displacement
pcr
Program Counter Relative
ind
Indirect
2
JRC
e
1prc
Mnemonic
Addressing Mode
Bytes
Cycle
Operand
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com