| Electronic Components Datasheet Search |
|
ST62P25LD1/CCC Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62P25LD1/CCC Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 105 page ![]() ST6215C ST6225C 25/105 RESET (Cont’d) 5.3.3 RESET Pin The RESET pin may be connected to a device on the application board in order to reset the MCU if required. The RESET pin may be pulled low in RUN, WAIT or STOP mode. This input can be used to reset the internal state of the MCU and en- sure it starts-up correctly. The pin, which is con- nected to an internal pull-up, is active low and fea- tures a Schmitt trigger input. A delay (2048 clock cycles) added to the external signal ensures that even short pulses on the RESET pin are accepted as valid, provided VDD has completed its rising phase and that the oscillator is running correctly (normal RUN or WAIT modes). The MCU is kept in the Reset state as long as the RESET pin is held low. If the RESET pin is grounded while the MCU is in RUN or WAIT modes, processing of the user pro- gram is stopped (RUN mode only), the I/O ports are configured as inputs with pull-up resistors and the main oscillator is restarted. When the level on the RESET pin then goes high, the initialization se- quence is executed at the end of the internal delay period. If the RESET pin is grounded while the MCU is in STOP mode, the oscillator starts up and all the I/O ports are configured as inputs with pull-up resis- tors. When the RESET pin level then goes high, the initialization sequence is executed at the end of the internal delay period. A simple external RESET circuitry is shown in Fig- ure 15. For more details, please refer to the appli- cation note AN669. Figure 14. Reset Block Diagram fINT RESET WATCHDOG RESET LVD RESET INTERNAL RESET RESD 1) 1) Resistive ESD protection. VDD RPU 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |