Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 3Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 4Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 5Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 6Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 7Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 8Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 9Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 10Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
ST6215C ST6225C
7/105
2 PIN DESCRIPTION
Figure 2. 28-Pin Package Pinout
Table 1. Device Pin Description
15
16
17
18
19
20
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
TIMER
Ain/PB5
Ain/PB6
Ain/PB7
RESET
VPP
Ain/PC4
Ain/PC5
Ain/PC6
Ain/PC7
NMI
OSCout
OSCin
VSS
PA0/20mA Sink
PB4/Ain
PB3/Ain
PB2/Ain
PB1/Ain
PB0/Ain
PA7/Ain
PA6/Ain
PA5/Ain
PA4/Ain
PA3/20mA Sink
PA2/20mA Sink
PA1/20mA Sink
it2
it1
it2
itX associated interrupt vector
it2
Pin n°
Pin Name
Main Function
(after Reset)
Alternate Function
1
VDD
S
Main power supply
2
TIMER
I/O
Timer input or output
3
OSCin
I
External clock input or resonator oscillator inverter input
4
OSCout
O
Resonator oscillator inverter output or resistor input for RC oscillator
5
NMI
I
Non maskable interrupt (falling edge sensitive)
6
PC7/Ain
I/O
Pin C7 (IPU)
Analog input
7
PC6/Ain
I/O
Pin C6 (IPU)
Analog input
8
PC5/Ain
I/O
Pin C5 (IPU)
Analog input
9
PC4/Ain
I/O
Pin C4 (IPU)
Analog input
10
VPP
Must be held at Vss for normal operation, if a 12.5V level is applied to the pin
during the reset phase, the device enters EPROM programming mode.
11
RESET
I/O
Top priority non maskable interrupt (active low)
12
PB7/Ain
I/O
Pin B7 (IPU)
Analog input
13
PB6/Ain
I/O
Pin B6 (IPU)
Analog input
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com