Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T59-70PC1F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M48T59-70PC1F
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59-70PC1F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M48T59-70PC1F Datasheet HTML 14Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 15Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 16Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 17Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 18Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 19Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 20Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 21Page - STMicroelectronics M48T59-70PC1F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Clock operations
M48T59, M48T59Y, M48T59V
18/32
3.7
Power-on reset
The M48T59/Y/V continuously monitors VCC. When VCC falls to the power fail detect trip
point, the RST pulls low (open drain) and remains low on power-up for trec after VCC passes
VPFD (max). RST is valid for all VCC conditions. The RST pin is an open drain output and an
appropriate resistor to VCC should be chosen to control rise time.
3.8
Programmable interrupts
The M48T59/Y/V provides two programmable interrupts; an alarm and a watchdog. When
an interrupt condition occurs, the M48T59/Y/V sets the appropriate flag bit in the Flag
Register 1FF0h. The interrupt enable bits in (AFE and ABE) in 1FF6h and the Watchdog
Steering (WDS) Bit in 1FF7h allow the interrupt to activate the IRQ/FT pin.
The Alarm flag and the IRQ/FT output are cleared by a READ to the Flags Register. An
interrupt condition reset will not occur unless the addresses are stable at the flag location for
at least 15ns while the device is in the READ Mode as shown in Figure 10 on page 16.
The IRQ/FT pin is an open drain output and requires a pull-up resistor (10 k
Ω
recommended) to VCC. The pin remains in the high impedance state unless an interrupt
occurs or the Frequency Test Mode is enabled.
3.9
Battery low flag
The M48T59/Y/V automatically performs periodic battery voltage monitoring upon power-up
and at factory-programmed time intervals of 24 hours (at day rollover) as long as the device
is powered and the oscillator is running. The Battery Low Flag (BL), Bit D4 of the Flags
Register 1FF0h, will be asserted high if the internal or SNAPHAT® battery is found to be
less than approximately 2.5 V. The BL Flag will remain active until completion of battery
replacement and subsequent battery low monitoring tests, either during the next power-up
sequence or the next scheduled 24-hour interval.
If a battery low is generated during a power-up sequence, this indicates that the battery
voltage is below 2.5 V (approximately), which may be insufficient to maintain data integrity.
Data should be considered suspect and verified as correct. A fresh battery should be
installed.
If a battery low indication is generated during the 24-hour interval check, this indicates the
battery is near end of life. However, data has not been compromised due to the fact that a
nominal VCC is supplied. In order to insure data integrity during subsequent periods of
battery back-up mode, it is recommended that the battery be replaced. The SNAPHAT top
may be replaced while VCC is applied to the device.
Note:
This will cause the clock to lose time during the interval the battery/crystal is removed.
Note:
Battery monitoring is a useful technique only when performed periodically. The M48T59/Y/V
only monitors the battery when a nominal VCC is applied to the device. Thus applications
which require extensive durations in the battery back-up mode should be powered-up
periodically (at least once every few months) in order for this technique to be beneficial.
Additionally, if a battery low is indicated, data integrity should be verified upon power-up via
a checksum or other technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com