Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T59V-70PC1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T59V-70PC1
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59V-70PC1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T59V-70PC1 Datasheet HTML 13Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 14Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 15Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 16Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 17Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 18Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 19Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 20Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
M48T59, M48T59Y, M48T59V
Clock operations
17/32
Figure 11.
Back-up mode alarm waveforms
3.6
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the eight-bit
Watchdog Register (Address 1FF7h). The five bits (BMB4-BMB0) that store a binary
multiplier and the two lower order bits (RB1-RB0) select the resolution, where 00 = 1/16
second, 01 = 1/4 second, 10 = 1 second, and 11 = 4 seconds. The amount of time-out is
then determined to be the multiplication of the five-bit multiplier value with the resolution.
(For example: writing 00001110 in the Watchdog Register = 3 x 1 or 3 seconds).
Note:
Accuracy of timer is within ± the selected resolution.
If the processor does not reset the timer within the specified period, the M48T59/Y/V sets
the WDF (Watchdog Flag) and generates a watchdog interrupt or a microprocessor reset.
WDF is reset by reading the Flags Register (Address 1FF0h).
Note:
User must transition address (or toggle chip enable) to see Flag Bit change.
The most significant bit of the Watchdog Register is the Watchdog Steering Bit. When set to
a '0,' the watchdog will activate the IRQ/FT pin when timed-out. When WDS is set to a '1,'
the watchdog will output a negative pulse on the RST pin for a duration of trec. The
Watchdog Register, the FT Bit, and the AFE and ABE Bits will reset to a '0' at the end of a
watchdog time-out when the WDS bit is set to a '1.'
The watchdog timer resets when the microprocessor performs a re-write of the Watchdog
Register. The time-out period then starts over. The watchdog timer is disabled by writing a
value of 00000000 to the eight bits in the Watchdog Register.
The watchdog function is automatically disabled upon power-down and the Watchdog
Register is cleared. If the watchdog function is set to output to the IRQ/FT pin and the
frequency test function is activated, the watchdog or alarm function prevails and the
frequency test function is denied.
AI03254B
VCC
IRQ/FT
trec
VPFD (max)
VPFD (min)
ABE, AFE bit in Interrupt Register
AF bit in Flags Register
HIGH-Z
VSO
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com