Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z520 Datasheet(PDF) 36 Page - Intel Corporation

Part # Z520
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z520 Datasheet(HTML) 36 Page - Intel Corporation

Back Button Z520 Datasheet HTML 32Page - Intel Corporation Z520 Datasheet HTML 33Page - Intel Corporation Z520 Datasheet HTML 34Page - Intel Corporation Z520 Datasheet HTML 35Page - Intel Corporation Z520 Datasheet HTML 36Page - Intel Corporation Z520 Datasheet HTML 37Page - Intel Corporation Z520 Datasheet HTML 38Page - Intel Corporation Z520 Datasheet HTML 39Page - Intel Corporation Z520 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
Electrical Specifications
36
Datasheet
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes11
ICCA
ICC for VCCA Supply
—
—
130
mA
ICCP+ ICCPC6
ICCP + ICCPC6 before VCC Stable
—
—
2.5
A
8
ICCP+ ICCPC6
ICCP + ICCPC6 after VCC Stable
—
—
1.5
A
9
NOTES:
1.
Each processor is programmed with a maximum valid voltage identification value
(VID), which is set at manufacturing and cannot be altered. Individual maximum VID
values are calibrated during manufacturing such that two processors at the same
frequency may have different settings within the VID range. Note that this differs from
the VID employed by the processor during a power management event (Thermal
Monitor 2, Enhanced Intel SpeedStep technology, or Enhanced Halt State). Typical
AVID range is 0.75 V to 1.1 V.
2.
The voltage specifications are assumed to be measured across VCC_SENSE and
VSS_SENSE pins at the socket with a 100-MHz bandwidth oscilloscope, 1.5-pF
maximum probe capacitance, and 1-MΩ minimum impedance. The maximum length of
ground wire on the probe should be less than 5 mm. Ensure external noise from the
system is not coupled in the scope probe.
3.
Specified at 90°C T
J.
4.
Specified at the nominal VCC.
5.
Measured at the bulk capacitors on the motherboard.
6.
VCC,BOOT tolerance is shown in Figure 6 and Figure 7.
7.
Based on simulations and averaged over the duration of any change in current.
Specified by design/characterization at nominal VCC. Not 100% tested.
8.
This is a power-up peak current specification, which is applicable when VCCP is high and
VCC_CORE is low.
9.
This is a steady-state ICC current specification, which is applicable when both VCCP and
VCC_CORE are high.
10. The VCC maximum supported by the process is 1.1 V but the parameter can change
(burn in voltage is higher).
11. Unless otherwise noted, all specifications in this table are based on estimates and
simulations or empirical data. These specifications will be updated with characterized
data from silicon measurements at a later date.
12. VCCP may be turned off during C6 power state— VCCPC6 must always be powered on to
1.05 V -5/+10% on all power states.
13. The VCC power supply needs to be set to 0.3V during C6 power state.
14. VCCP (voltage rail which is turned off in C6, with SPLIT VTT Enabled) should ramp to
1.05 V while exiting C6 (Deep Power Down Technology State) at least 5µs before
VCC_CORE ramps to LFM VID. In addition, VCCPC6 rail should remain at 1.05 -5/+10%
during VCCP ramp coming out of C6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com