Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND7N04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND7N04
Description  "OMNIFET"Fully autoprotected power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND7N04 Datasheet(HTML) 1 Page - STMicroelectronics

  VND7N04_09 Datasheet HTML 1Page - STMicroelectronics VND7N04_09 Datasheet HTML 2Page - STMicroelectronics VND7N04_09 Datasheet HTML 3Page - STMicroelectronics VND7N04_09 Datasheet HTML 4Page - STMicroelectronics VND7N04_09 Datasheet HTML 5Page - STMicroelectronics VND7N04_09 Datasheet HTML 6Page - STMicroelectronics VND7N04_09 Datasheet HTML 7Page - STMicroelectronics VND7N04_09 Datasheet HTML 8Page - STMicroelectronics VND7N04_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
March 2009
Rev 1
1/17
17
VND7N04, VND7N04-1
VNK7N04FM
"OMNIFET":
Fully autoprotected power MOSFET
Features
s
Linear current limitation
s
Thermal shut down
s
Short circuit protection
s
Integrated clamp
s
Low current drawn from input pin
s
Diagnostic feedback through input pin
s
ESD protection
s
Direct access to the gate of the power
MOSFET (analog driving)
s
Compatible with standard power MOSFET
Description
The VND7N04, VND7N04-1 and VNK7N04FM
are monolithic devices made using
STMicroeletronics VIPower M0 Technology,
intended for replacement of standard power
MOSFETS in DC to 50 KHz applications. Built-in
thermal shut-down, linear current limitation and
overvoltage clamp protect the chip in harsh
enviroments.
Fault feedback can be detected by monitoring the
voltage at the input pin.
Type
Vclamp
RDS(on)
Ilim
VND7N04
VND7N04-1
VNK7N04FM
42 V
42 V
42 V
0.14
Ω
0.14
Ω
0.14
Ω
7 A
7 A
7 A
Table 1.
Device summary
Part number
Order code
VND7N04
VND7N04, VND7N04-1-E,
VND7N04-E, VND7N0413TR,
VND7N04TR-E
VND7N04-1
VND7N04-1
VNK7N04FM
VNK7N04FM
www.st.com


Similar Part No. - VND7N04_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND7N04-1 STMICROELECTRONICS-VND7N04-1 Datasheet
146Kb / 14P
?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
Feb-2000
VND7N04-1 STMICROELECTRONICS-VND7N04-1 Datasheet
602Kb / 18P
Fully autoprotected power MOSFET
25-Sep-2013
VND7N04-1 STMICROELECTRONICS-VND7N04-1 Datasheet
601Kb / 18P
"OMNIFET": Fully autoprotected power MOSFET
25-Sep-2013
VND7N04-1-E STMICROELECTRONICS-VND7N04-1-E Datasheet
601Kb / 18P
"OMNIFET": Fully autoprotected power MOSFET
25-Sep-2013
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
Fully autoprotected power MOSFET
25-Sep-2013
More results

Similar Description - VND7N04_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
18-Jun-2004
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
506Kb / 22P
OMNIFET: fully autoprotected Power MOSFET
25-Nov-2010
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
"OMNIFET" fully autoprotected Power MOSFET
08-Apr-2009
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
"OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
OMNIFET II fully autoprotected Power MOSFET
09-Mar-2011
VNB10N07TR-E STMICROELECTRONICS-VNB10N07TR-E Datasheet
511Kb / 14P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
OMNIFET fully autoprotected Power MOSFET
25-Sep-2013
VNB28N04-E STMICROELECTRONICS-VNB28N04-E Datasheet
226Kb / 13P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
OMNIFET fully autoprotected Power MOSFET
25-Sep-2013
VNB35N07TR-E STMICROELECTRONICS-VNB35N07TR-E Datasheet
153Kb / 13P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com