Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ARRIAGX Datasheet(PDF) 70 Page - Altera Corporation

Part # ARRIAGX
Description  The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ARRIAGX Datasheet(HTML) 70 Page - Altera Corporation

Back Button ARRIAGX_09 Datasheet HTML 66Page - Altera Corporation ARRIAGX_09 Datasheet HTML 67Page - Altera Corporation ARRIAGX_09 Datasheet HTML 68Page - Altera Corporation ARRIAGX_09 Datasheet HTML 69Page - Altera Corporation ARRIAGX_09 Datasheet HTML 70Page - Altera Corporation ARRIAGX_09 Datasheet HTML 71Page - Altera Corporation ARRIAGX_09 Datasheet HTML 72Page - Altera Corporation ARRIAGX_09 Datasheet HTML 73Page - Altera Corporation ARRIAGX_09 Datasheet HTML 74Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 234 page
background image
2–64
Chapter 2: Arria GX Architecture
Digital Signal Processing Block
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
A bus of 44 control signals feeds the entire DSP block. These signals include clocks,
asynchronous clears, clock enables, signed and unsigned control signals, addition and
subtraction control signals, rounding and saturation control signals, and accumulator
synchronous loads. The clock signals are routed from LAB row clocks and are
generated from specific LAB rows at the DSP block interface. The LAB row source for
control signals, data inputs, and outputs is shown in Table 2–15.
f For more information about DSP blocks, refer to the DSP Blocks in Arria GX Devices
chapter.
Figure 2–53. DSP Block Interface to Interconnect
LAB
LAB
Row Interface
Block
DSP Block
Row Structure
16
OA[17..0]
OB[17..0]
A[17..0]
B[17..0]
DSP Block to
LAB Row Interface
Block Interconnect Region
36 Inputs per Row
36 Outputs per Row
R4 Interconnect
C4 Interconnect
Direct Link Interconnect
from Adjacent LAB
Direct Link Outputs
to Adjacent LABs
Direct Link Interconnect
from Adjacent LAB
36
36
36
36
Control
12
16
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com