Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M40SZ100W Datasheet(PDF) 10 Page - STMicroelectronics

Part # M40SZ100W
Description  5 V or 3 V NVRAM supervisor for LPSRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40SZ100W Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M40SZ100W Datasheet HTML 6Page - STMicroelectronics M40SZ100W Datasheet HTML 7Page - STMicroelectronics M40SZ100W Datasheet HTML 8Page - STMicroelectronics M40SZ100W Datasheet HTML 9Page - STMicroelectronics M40SZ100W Datasheet HTML 10Page - STMicroelectronics M40SZ100W Datasheet HTML 11Page - STMicroelectronics M40SZ100W Datasheet HTML 12Page - STMicroelectronics M40SZ100W Datasheet HTML 13Page - STMicroelectronics M40SZ100W Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Operation
M40SZ100Y, M40SZ100W
10/24
Doc ID 7528 Rev 3
Caution:
Take care to avoid inadvertent discharge through VOUT and ECON after battery has been
attached.
For a further more detailed review of lifetime calculations, please see application note
AN1012.
Figure 6.
Power down timing
AI03936
VCC
E
ECON
tF
tFB
VOHB
VPFD (max)
VPFD (min)
VSO
tWPT
VPFD
RST
PFO
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com