Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP4NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP4NM60
Description  N-channel 600 V, 1.3 Ω, 3 A TO-220, DPAK, IPAK Zener-protected MDmesh??Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  STP4NM60 Datasheet HTML 1Page - STMicroelectronics STP4NM60 Datasheet HTML 2Page - STMicroelectronics STP4NM60 Datasheet HTML 3Page - STMicroelectronics STP4NM60 Datasheet HTML 4Page - STMicroelectronics STP4NM60 Datasheet HTML 5Page - STMicroelectronics STP4NM60 Datasheet HTML 6Page - STMicroelectronics STP4NM60 Datasheet HTML 7Page - STMicroelectronics STP4NM60 Datasheet HTML 8Page - STMicroelectronics STP4NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2009
Doc ID 8370 Rev 4
1/17
17
STP4NM60
STD3NM60, STD3NM60-1
N-channel 600 V, 1.3
Ω, 3 A TO-220, DPAK, IPAK
Zener-protected MDmesh™ Power MOSFET
Features
■ High dv/dt and avalanche capabilities
■ Improved ESD capability
■ Low input capacitance and gate charge
■ Low gate input resistance
■ Tight process control and high manufacturing
yields
Applications
■ Switching
Description
Modems technology applies the benefits of the
multiple drain process to STMicroelectronics' well-
known PowerMESH™ horizontal layout structure.
The resulting product offers low on-resistance,
high dv/dt capability and excellent avalanche
characteristics.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
max
ID
PW
STD3NM60
650
< 1.5
Ω
3 A
42 W
STD3NM60-1
STP4NM60
4 A
69 W
1
2
3
1
3
3
2
1
TO-220
IPAK
DPAK
Table 1.
Device summary
Order code
Marking
Package
Packing
STD3NM60
D3NM60
DPAK
Tape and reel
STD3NM60-1
D3NM60
IPAK
Tube
STP4NM60
P4NM60
TO-220
Tube
www.st.com


Similar Part No. - STP4NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
723Kb / 17P
N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
02-Sep-2009
More results

Similar Description - STP4NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
N-channel 600 V - 0.56 Ω - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
07-Jan-2008
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
N-channel 600 V, 0.56 Ω,7 A MDmesh™II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Nov-2008
STD2NK100Z STMICROELECTRONICS-STD2NK100Z Datasheet
459Kb / 16P
N-channel 1000 V, 6.25 Ω, 1.85 A, TO-220, DPAK, IPAK Zener-protected SuperMESH™Power MOSFET
18-Jun-2008
STD10NM60N STMICROELECTRONICS-STD10NM60N Datasheet
907Kb / 17P
N-channel 600 V, 0.53 ohm, 10 A, DPAK, TO-220, TO-220FP, IPAK MDmesh II Power MOSFET
24-Nov-2010
STF7NM60N STMICROELECTRONICS-STF7NM60N Datasheet
885Kb / 17P
N-channel 600 V, 5 A, 0.84 ohm, DPAK, TO-220FP, TO-220, IPAK second generation MDmesh Power MOSFET
04-Nov-2010
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
02-Sep-2009
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
N-channel 600 V, 0.85 Ω, 4.6 A MDmesh™ II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Jan-2009
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com