Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA178M06FP Datasheet(PDF) 2 Page - Rohm

Part # BA178M06FP
Description  1A Output 78 series Regulators 500mA Output 78 series Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA178M06FP Datasheet(HTML) 2 Page - Rohm

  BA178M06FP Datasheet HTML 1Page - Rohm BA178M06FP Datasheet HTML 2Page - Rohm BA178M06FP Datasheet HTML 3Page - Rohm BA178M06FP Datasheet HTML 4Page - Rohm BA178M06FP Datasheet HTML 5Page - Rohm BA178M06FP Datasheet HTML 6Page - Rohm BA178M06FP Datasheet HTML 7Page - Rohm BA178M06FP Datasheet HTML 8Page - Rohm BA178M06FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
2/12
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●
Absolute Maximum Rating (Ta=25℃)
BA78□□CP/FP, BA78M□□CP/FP
Parameter
Symbol
Limits
Unit
Power supply voltage
Vin
35
V
Power Dissipation 1
TO220CP-3
Pd1
2
*1
W
TO252-3
1
*1
Power Dissipation 2
TO220CP-3
Pd2
22
*2
W
TO252-3
10
*2
Output Current
BA78□□
Io
1
*3
A
BA78□□M
0.5
*3
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+150
℃
Operating Junction Temperature Range
Tj
-40~+150
℃
*1 Derating in done 16mW/℃(TO220CP-3), 8mW/℃(TO252-3) for temperatures above Ta=25℃
*2 Derating in done 176mW/℃(TO220CP-3), 80mW/℃(TO252-3) for temperatures above Ta=25℃, Mounted on infinity Alminium heat sink.
*3 Pd,ASO and Tjmax(150℃) should not be exceeded.
●
Operating Conditions(Ta=25℃, Pd should not be exceeded)
BA78□□CP/FP
BA78M□□CP/FP
Parameter
Symbol
Min.
Max.
Unit.
Parameter
Symbol
Min.
Max.
Unit.
Input
Voltage
BA7805
Vin
7.5
25
V
Input
Voltage
BA78M05
Vin
7.5
25
V
BA7806
8.5
21
BA78M06
8.5
21
BA7807
9.5
22
BA78M07
9.5
22
BA7808
10.5
23
BA78M08
10.5
23
BA7809
11.5
26
BA78M09
11.5
26
BA7810
12.5
25
BA78M10
12.5
25
BA7812
14.5
27
BA78M12
14.5
27
BA7815
17.5
30
BA78M15
17.5
30
BA7818
21
33
BA78M18
21
33
BA7820
23
33
BA78M20
23
33
BA7824
27
33
BA78M24
27
33
Output Current
Io
-
1
A
Output Current
Io
-
0.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com