Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95160-WDW6TG/G Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95160-WDW6TG/G
Description  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95160-WDW6TG/G Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95160-WDW6TG/G Datasheet HTML 24Page - STMicroelectronics M95160-WDW6TG/G Datasheet HTML 25Page - STMicroelectronics M95160-WDW6TG/G Datasheet HTML 26Page - STMicroelectronics M95160-WDW6TG/G Datasheet HTML 27Page - STMicroelectronics M95160-WDW6TG/G Datasheet HTML 28Page - STMicroelectronics M95160-WDW6TG/G Datasheet HTML 29Page - STMicroelectronics M95160-WDW6TG/G Datasheet HTML 30Page - STMicroelectronics M95160-WDW6TG/G Datasheet HTML 31Page - STMicroelectronics M95160-WDW6TG/G Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
DC and AC parameters
M95160-x, M95080-x
28/50
Doc ID 8028 Rev 10
Table 16.
DC characteristics (M95160 and M95080, device grade 6)
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current
C = 0.1VCC/0.9VCC at 10 MHz,
VCC = 5 V, Q = open
5mA
ICC1
Supply current
(Standby)
S = VCC, VCC = 5 V,
VIN = VSS or VCC
2µA
VIL
Input low voltage
–0.45
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+1
V
VOL
(1)
1.
For all 5 V range devices, the device meets the output requirements for both TTL and CMOS standards.
Output low voltage
IOL = 2 mA, VCC = 5 V
0.4
V
VOH
(1)
Output high voltage
IOH = –2 mA, VCC = 5 V
0.8 VCC
V
VRES
(2)
2.
Characterized only, not 100% tested.
Internal reset threshold
voltage
2.5
3.5
V
Table 17.
DC characteristics (M95160-W and M95080-W, device grade 3)
Symbol
Parameter
Test conditions
Min.
Max.
Unit
ILI
Input leakage
current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage
current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current
C=0.1VCC/0.9VCC at 5 MHz,
VCC = 2.5 V, Q = open
2mA
ICC1
Supply current
(Standby)
S = VCC, VCC = 2.5 V, VIN = VSS or VCC
2µA
VIL
Input low voltage
–0.45
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+1
V
VOL
Output low voltage
IOL = 1.5 mA, VCC = 2.5 V
0.4
V
VOH
Output high voltage IOH = –0.4 mA, VCC = 2.5 V
0.8 VCC
V
VRES
(1)
1.
Characterized only, not 100% tested.
Internal reset
threshold voltage
1.0
1.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com