Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA178M07FP Datasheet(PDF) 3 Page - Rohm

Part # BA178M07FP
Description  1A Output 78 series Regulators 500mA Output 78 series Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA178M07FP Datasheet(HTML) 3 Page - Rohm

  BA178M07FP Datasheet HTML 1Page - Rohm BA178M07FP Datasheet HTML 2Page - Rohm BA178M07FP Datasheet HTML 3Page - Rohm BA178M07FP Datasheet HTML 4Page - Rohm BA178M07FP Datasheet HTML 5Page - Rohm BA178M07FP Datasheet HTML 6Page - Rohm BA178M07FP Datasheet HTML 7Page - Rohm BA178M07FP Datasheet HTML 8Page - Rohm BA178M07FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
3/12
www.rohm.com
2009.11 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics BA78M□□CP/FP
(Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24), Io=350mA unless otherwise specified)
Parameter
Symbol
Type
Limit
Unit
Condition
Min
Typ
Max
Output Voltage 1
Vo1
05
4.8
5.0
5.2
V
Io=350mA
06
5.75
6.0
6.25
07
6.7
7.0
7.3
08
7.7
8.0
8.3
09
8.6
9.0
9.4
10
9.6
10.0
10.4
12
11.5
12.0
12.5
15
14.4
15.0
15.6
18
17.3
18.0
18.7
20
19.2
20.0
20.8
24
23.0
24.0
25.0
Output Voltage 2
Vo2
05
4.75
-
5.25
V
Vin=7.5~20V, Io=5mA~350mA
06
5.7
-
6.3
Vin=8.5~21V, Io=5mA~350mA
07
6.65
-
7.35
Vin=9.5~22V, Io=5mA~350mA
08
7.6
-
8.4
Vin=10.5~23V, Io=5mA~350mA
09
8.55
-
9.45
Vin=11.5~24V, Io=5mA~350mA
10
9.5
-
10.5
Vin=12.5~25V, Io=5mA~350mA
12
11.4
-
12.6
Vin=15~27V, Io=5mA~350mA
15
14.25
-
15.75
Vin=17.5~30V, Io=5mA~350mA
18
17.1
-
18.9
Vin=21~33V, Io=5mA~350mA
20
19.0
-
21.0
Vin=23~33V, Io=5mA~350mA
24
22.8
-
25.2
Vin=27~33V, Io=5mA~350mA
Line Regulation 1
Reg.I1
05
-
3
100
mV
Vin=7~25V, Io=200mA
06
-
3
100
Vin=8~25V, Io=200mA
07
-
4
100
Vin=9~25V, Io=200mA
08
-
4
100
Vin=10.5~25V, Io=200mA
09
-
4
100
Vin=11.5~26V, Io=200mA
10
-
5
100
Vin=12.5~28V, Io=200mA
12
-
5
100
Vin=14.5~30V, Io=200mA
15
-
6
100
Vin=17.5~30V, Io=200mA
18
-
7
100
Vin=21~33V, Io=200mA
20
-
8
100
Vin=23~33V, Io=200mA
24
-
10
100
Vin=27~33V, Io=200mA
Line Regulation 2
Reg.I2
05
-
1
50
mV
Vin=8~12V, Io=200mA
06
-
1
50
Vin=9~25V, Io=200mA
07
-
1
50
Vin=10~25V, Io=200mA
08
-
1
50
Vin=11~25V, Io=200mA
09
-
2
50
Vin=12~25V, Io=200mA
10
-
2
50
Vin=14~26V, Io=200mA
12
-
3
50
Vin=16~30V, Io=200mA
15
-
3
50
Vin=20~30V, Io=200mA
18
-
3
50
Vin=24~33V, Io=200mA
20
-
4
50
Vin=24~33V, Io=200mA
24
-
5
50
Vin=28~33V, Io=200mA
Ripple Rejection
R.R.
05
62
78
-
dB
ein=1Vrms, f=120Hz, Io=100mA
06
60
74
-
07
57
71
-
08
56
69
-
09
56
67
-
10
56
66
-
12
55
63
-
15
54
60
-
18
53
58
-
20
53
58
-
24
50
55
-
Temperature
Coefficient of
Output Voltage
Tcvo
05
-
-1.0
-
mV/℃ Io=5mA, Tj=0~125℃
06/07/08/09/10/12
-
-0.5
-
15/18
-
-0.6
-
20/24
-
-0.7
-
Peak Output Current
Io-p
common
-
875
-
mA
Tj=25℃
Dropout Voltage
Vd
common
-
2.0
-
V
Io=500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com