Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXP46X Datasheet(PDF) 28 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 28 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 24Page - Intel Corporation IXP46X Datasheet HTML 25Page - Intel Corporation IXP46X Datasheet HTML 26Page - Intel Corporation IXP46X Datasheet HTML 27Page - Intel Corporation IXP46X Datasheet HTML 28Page - Intel Corporation IXP46X Datasheet HTML 29Page - Intel Corporation IXP46X Datasheet HTML 30Page - Intel Corporation IXP46X Datasheet HTML 31Page - Intel Corporation IXP46X Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
28
Document Number: 306261-004US
3.1.13
Internal Bus Performance Monitoring Unit (IBPMU)
The IXP45X/IXP46X network processors contain a performance monitoring unit that
may be used to capture predefined events within the system outside of the Intel
XScale® processor. These features aid in measuring and monitoring various system
parameters that contribute to the overall performance of the processor.
The Performance Monitoring (PMON) facility provided comprises:
• Eight Programmable Event Counters (PECx)
• Previous Master/Slave Register
• Event Selection Multiplexor
The programmable event counters are 27 bits wide. Each counter may be programmed
to observe one event from a defined set of events. An event consists of a set of
parameters which define a start condition and a stop condition.
The monitored events are selected by programming the Event Select Registers (ESR).
3.1.14
Interrupt Controller
The IXP45X/IXP46X network processors implement up to 64 interrupt sources to allow
an extension of the Intel XScale® processor’s FIQ and IRQ interrupt sources. These
sources can originate from some external GPIO pins, internal peripheral interfaces, or
internal logic.
The interrupt controller can configure each interrupt source as an FIQ, IRQ, or disabled.
The interrupt sources tied to Interrupt 0 to 7 can be prioritized. The remaining
interrupts are prioritized in ascending order. For example, Interrupt 8 has a higher
priority than 9, 9 has a higher priority than 10, and 30 has a higher priority that 31.
An additional level of priority can be set for interrupts 32 through 64. This priority
setting gives any interrupt between 32 through 64 priority over interrupts 0 through
31.
3.1.15
Timers
The IXP45X/IXP46X network processors contain four internal timers operating at
66.66 MHz (which is 2* OSC_IN input pin) to allow task scheduling and prevent
software lock-ups. The device has four 32-bit counters:
The Timestamp Timer and the two general-purpose timers have the optional ability to
use a pre-scaled clock. A programmable pre-scaler can be used to divide the input
clock by a 16-bit value. The input clock can be either the APB clock (66.66 MHz) or a
20-ns version of the APB clock (50 MHz). By default all timers use the APB clock.
The 16-bit pre-scale value ranges from divide by 2 to 65,536 and results in a new clock
enable available for the timers that ranges from 33.33 MHz down to 1,017.26 Hz.
The Timestamp Timer also contains a 32-bit compare register that allows an interrupt
to be created at times other than time 0.
• Watch-Dog Timer
• Timestamp Timer
• Two general-purpose Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More