Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3644A/40 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3644A/40
Description  3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3644A/40 Datasheet(HTML) 3 Page - 3M Electronics

  3644A/40 Datasheet HTML 1Page - 3M Electronics 3644A/40 Datasheet HTML 2Page - 3M Electronics 3644A/40 Datasheet HTML 3Page - 3M Electronics 3644A/40 Datasheet HTML 4Page - 3M Electronics 3644A/40 Datasheet HTML 5Page - 3M Electronics 3644A/40 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Shielded/Jacketed, Disc. Wire Cable
28 AWG Stranded, Twisted Pair, PO/PVC
3644X Series
TS-0826-B
Sheet 3 of 3
Ordering Information
3644X / XX XX
Note: Standard length 20 through 68 conductors is
300 feet per roll. Standard length of 80 and 100
conductor cables is 200 feet per roll.
Pair Identification
Pair Cond
1st Conductor
Cond
2nd Conductor
Solid
Band
Solid
Band
1
1
White
Tan
2
Tan
White
2
3
White
Brown
4
Brown
White
3
5
White
Pink
6
Pink
White
4
7
White Orange
8
Orange
White
5
9
White
Yellow
10
Yellow
White
6
11
White
Green
12
Green
White
7
13
White
Blue
14
Blue
White
8
15
White
Violet
16
Violet
White
9
17
White
Gray
18
Gray
White
10
19
Tan
Brown
20
Brown
Tan
11
21
Tan
Pink
22
Pink
Tan
12
23
Tan
Orange
24
Orange
Tan
13
25
Tan
Yellow
26
Yellow
Tan
14
27
Tan
Green
28
Green
Tan
15
29
Tan
Blue
30
Blue
Tan
16
31
Tan
Violet
32
Violet
Tan
17
33
Tan
Gray
34
Gray
Tan
18
35
Brown
Pink
36
Pink
Brown
19
37
Brown Orange
38
Orange
Brown
20
39
Brown
Yellow
40
Yellow
Brown
21
41
Brown
Green
42
Green
Brown
22
43
Brown
Blue
44
Blue
Brown
23
45
Brown
Violet
46
Violet
Brown
24
47
Brown
Gray
48
Gray
Brown
25
49
Pink
Orange
50
Orange
Pink
26
51
Pink
Yellow
52
Yellow
Pink
27
53
Pink
Green
54
Green
Pink
28
55
Pink
Blue
56
Blue
Pink
29
57
Pink
Violet
58
Violet
Pink
30
59
Pink
Gray
60
Gray
Pink
31
61
Orange Yellow
62
Yellow
Orange
32
63
Orange Green
64
Green
Orange
33
65
Orange
Blue
66
Blue
Orange
34
67
Orange Violet
68
Violet
Orange
35
69
Orange
Gray
70
Gray
Orange
36
71
Yellow
Green
72
Green
Yellow
37
73
Yellow
Blue
74
Blue
Yellow
38
75
Yellow
Violet
76
Violet
Yellow
39
77
Yellow
Gray
78
Gray
Yellow
40
79
Green
Blue
80
Blue
Green
41
81
Green
Violet
82
Violet
Green
42
83
Green
Gray
84
Gray
Green
43
85
Blue
Violet
86
Violet
Blue
44
87
Blue
Gray
88
Gray
Blue
45
89
Violet
Gray
90
Gray
Violet
46
91
White
-
92
Tan
-
47
93
Gray
-
94
Brown
-
48
95
Blue
-
96
Pink
-
49
97
Violet
-
98
Orange
-
50
99
Green
-
100
Yellow
-
Number of Conductors
(See Table)
Jacket Color Options:
A = "Special" Black Jacket
B = "Standard" Beige Jacket
Blank = Standard
SF = Splice Free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com