Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3644A/50 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3644A/50
Description  3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3644A/50 Datasheet(HTML) 1 Page - 3M Electronics

  3644A/50 Datasheet HTML 1Page - 3M Electronics 3644A/50 Datasheet HTML 2Page - 3M Electronics 3644A/50 Datasheet HTML 3Page - 3M Electronics 3644A/50 Datasheet HTML 4Page - 3M Electronics 3644A/50 Datasheet HTML 5Page - 3M Electronics 3644A/50 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Shielded/Jacketed, Disc. Wire Cable
28 AWG Stranded, Twisted Pair, PO/PVC
3644X Series
• Dual shielding provides 35 db average shielding
effectiveness
• Wires are color coded for easy identification
• Meets external wiring requirements of National
Electrical Code, Article 725 (CL2)
• UL listed for US and Canadian markets
• Please contact your 3M sales representative for
variations not described in this specification.
• See Regulatory Information Appendix (RIA) for
chemical compliance information
(RIA E1 & C1 apply)
Date Modified: May 13, 2009
TS-0826-B
Sheet 1 of 3
Physical
Jacket Material: Polyvinyl Chloride (PVC)
Color: Beige
Primary Material: Polyolefin (PO)
Marking:
Standard: (UL) CL2 75C 30 AWG 3M XX
C
AWM IIA/B 80C 150V FT1 EU <50V
(where XX may be NU or NW)
Conductors: 28 AWG 7 × 36 [ 7 × 0.127 ] Tinned Stranded Copper
Shielding:
0.001 [ 0.03 ] Thick Aluminum/Polyester Film Foil and
90% Coverage Tinned Copper Braid
Electrical
Voltage Rating: USA: N.E.C. 725 CL2
Canada: 150V
EU: <50V
Insulation Resistance: (Primary Cable) > 1 × 1010
Ω/10 ft. [ 3 m ]
Characteristic Impedance: Unbalanced
Balanced
63
Ω
100
Ω
Capacitance: 24.2 pF/ft [ 79.4 pF/m ]
15.3 pF/ft [ 50.2 pF/m ]
Inductance: 0.10 μH/ft [ 0.33 μH/m ] 0.15 μH/ft [ 0.49 μH/m ]
Propagation Delay: 1.54 ns/ft [ 5.05 ns/m ]
1.54 ns/ft [ 5.05 ns/m ]
Velocity of Propagation: 66%
66%
Note: Unbalanced is measured between ground-signal-ground conductors, with shield grounded. Balanced is measured between signal conductors within a pair, with the shield floating.
Environmental
Temperature Rating: USA: CL2: 75°C Max
Canada: 80°C
Flammability Rating: USA: N.E.C. 725, CL2
Canada: FT1
UL File No.: E118773, Power Limited Circuit Cable; CL2


Similar Part No. - 3644A/50

ManufacturerPart #DatasheetDescription
logo
Lumberg
3644 LUMBERG-3644 Datasheet
88Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
3644 LUMBERG-3644 Datasheet
538Kb / 3P
RAST 5 connectors, pitch 5.0 mm
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
List of Unclassifed Man...
36440 ETC2-36440 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
Lumberg
364402 LUMBERG-364402 Datasheet
88Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
More results

Similar Description - 3644A/50

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3647B 3M-3647B Datasheet
45Kb / 2P
Round, Shielded/Jacketed, Discrete Wire Cable
29-Jul-1999
3659 3M-3659 Datasheet
258Kb / 2P
3M Round, Shielded/Jacketed, Flat Cable
29-Jul-1999
3600X 3M-3600X Datasheet
1Mb / 5P
3M™ Round, Shielded/Jacketed, Disc. Wire Cable
11-May-2009
3302 3M-3302 Datasheet
1Mb / 5P
3M Color Coded Flat Cable - .050 28 AWG Stranded, PVC
07-May-2009
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
3659 3M-3659_1 Datasheet
1Mb / 5P
3M Round, Shielded/Jacketed, Flat Cable .050 28 AWG Stranded, Mass Terminatable, PVC/PVC
11-May-2009
3625-40100M 3M-3625-40100M Datasheet
870Kb / 5P
3M™ Round Conductor Flat Cable 1.0 mm 28 AWG Stranded, PVC
13-May-2009
1700-10 3M-1700-10 Datasheet
1Mb / 5P
.050" 28 AWG Stranded, Mass Terminatable Pair, PVC
04-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
3896 3M-3896 Datasheet
752Kb / 5P
3M™ Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com