Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP7NK80Z Datasheet(PDF) 16 Page - STMicroelectronics

Part # STP7NK80Z
Description  N-channel 800 V, 1.5 Ω, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH™Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NK80Z Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STP7NK80Z_10 Datasheet HTML 9Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 10Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 11Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 12Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 13Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 14Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 15Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 16Page - STMicroelectronics STP7NK80Z_10 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STB7NK80Z, STB7NK80Z-1, STP7NK80ZFP, STP7NK80Z
16/17
Doc ID 8979 Rev 6
6
Revision history
Table 10.
Revision history
Date
Revision
Changes
09-Sep-2004
3
Complete version
16-Aug-2006
4
New template, no content change
09-Oct-2006
5
Corrected order code
28-Mar-2010
6
Corrected
Table 1: Device summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com