Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP7NK30Z Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP7NK30Z
Description  N-channel, 300 V, 0.80 Ω, 5 A TO-220, TO-220FP, DPAK Zener-protected SuperMESH™Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NK30Z Datasheet(HTML) 2 Page - STMicroelectronics

  STP7NK30Z Datasheet HTML 1Page - STMicroelectronics STP7NK30Z Datasheet HTML 2Page - STMicroelectronics STP7NK30Z Datasheet HTML 3Page - STMicroelectronics STP7NK30Z Datasheet HTML 4Page - STMicroelectronics STP7NK30Z Datasheet HTML 5Page - STMicroelectronics STP7NK30Z Datasheet HTML 6Page - STMicroelectronics STP7NK30Z Datasheet HTML 7Page - STMicroelectronics STP7NK30Z Datasheet HTML 8Page - STMicroelectronics STP7NK30Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Electrical ratings
STx7NK30Z
2/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, DPAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
300
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
5
5 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
3.2
3.2 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
20
20 (1)
A
PTOT
Total dissipation at TC = 25 °C
50
20
W
Derating factor
0.4
0.16
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100 pF,
R=1.5 k
Ω)
2800
V
dv/dt (3)
3.
ISD ≤ 5.7 A, di/dt ≤ 200 A/µs, VDD =80% V(BR)DSS.
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
V
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, DPAK
TO-220FP
Rthj-case
Thermal resistance junction-case Max
2.50
6.25
V
Rthj-amb
Thermal resistance junction-ambient Max
62.5
V
Tl
Maximum lead temperature for soldering
purpose
300
A
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
5A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
130
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com