Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9950 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9950_09 Datasheet HTML 11Page - STMicroelectronics L9950_09 Datasheet HTML 12Page - STMicroelectronics L9950_09 Datasheet HTML 13Page - STMicroelectronics L9950_09 Datasheet HTML 14Page - STMicroelectronics L9950_09 Datasheet HTML 15Page - STMicroelectronics L9950_09 Datasheet HTML 16Page - STMicroelectronics L9950_09 Datasheet HTML 17Page - STMicroelectronics L9950_09 Datasheet HTML 18Page - STMicroelectronics L9950_09 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
L9950 - L9950XP
Electrical specifications
Doc ID 10311 Rev 10
15/39
Note:
DI timing parameters tested in production by a passed/failed test:
Tj=-40 °C/+25 °C: SPI communication @2 MHZ.
Tj=+125 °C: SPI communication @1.25 MHZ.
Table 14.
DI timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCLK
Clock period
VCC = 5 V
1000
-
-
ns
tCLKH
Clock high time
VCC = 5 V
400
-
-
ns
tCLKL
Clock low time
VCC = 5 V
400
-
-
ns
tset CSN
CSN setup time, CSN low
before rising edge of CLK
VCC = 5 V
400
-
-
ns
tset CLK
CLK setup time, CLK high
before rising edge of CSN
VCC = 5 V
400
-
-
ns
tset DI
DI setup time
VCC = 5 V
200
-
-
ns
thold time DI hold time
VCC = 5 V
200
-
-
ns
tr in
Rise time of input signal DI,
CLK, CSN
VCC = 5 V
-
-
100
ns
tf in
Fall time of input signal DI,
CLK, CSN
VCC = 5 V
-
-
100
ns
Table 15.
DO
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
Output low level
VCC = 5 V, ID = -2 mA
-
0.2
0.4
V
VDOH
Output high level
VCC = 5 V, ID = 2 mA
VCC -0.4 VCC-0.2
-
V
IDOLK
Tristate leakage current
VCSN = VCC,
0V < VDO < VCC
-10
-
10
µA
CDO
(1)
1.
Value of input capacity is not measured in production test. Parameter guaranteed by design.
Tristate input
capacitance
VCSN = VCC,
0V < VCC < 5.3 V
-10
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com