Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9950 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 1 Page - STMicroelectronics

  L9950 Datasheet HTML 1Page - STMicroelectronics L9950 Datasheet HTML 2Page - STMicroelectronics L9950 Datasheet HTML 3Page - STMicroelectronics L9950 Datasheet HTML 4Page - STMicroelectronics L9950 Datasheet HTML 5Page - STMicroelectronics L9950 Datasheet HTML 6Page - STMicroelectronics L9950 Datasheet HTML 7Page - STMicroelectronics L9950 Datasheet HTML 8Page - STMicroelectronics L9950 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
June 2009
Doc ID 10311 Rev 10
1/39
1
L9950
L9950XP
Door actuator driver
Features
One full bridge for 6A load (Ron=150 mΩ )
Two half bridges for 3A load (Ron=300 mΩ )
Two half bridges for 1.5A load (Ron=800 mΩ )
One highside driver for 6A load (Ron=100 mΩ )
Four highside drivers for 1.5 A load
(Ron=800 mΩ )
Programmable softstart function to drive loads
with higher inrush currents (i.e. current
>6 A,>3 A,>1.5 A)
Very low current consumption in standby mode
(IS < 6 μA typ; ICC <25 μA typ; Tj ≤ 85 °C)
All outputs short circuit protected
Current monitor output for 300 m
Ω, 150 mΩ
and 100 m highside drivers
All outputs over temperature protected
Open load diagnostic for all outputs
Overload diagnostic for all outputs
Seperated half bridges for door lock motor
PWM control of all outputs
Charge pump output for reverse polarity
protection
Applications
Door actuator driver with bridges for door lock
and safe lock, mirror axis control, mirror fold
and highside driver for mirror defroster and four
10W-light bulbs.
Description
The L9950 and L9950XP are microcontroller
driven multifunctional door actuator driver for
automotive applications.Up to five DC motors and
five grounded resistive loads can be driven with
six half bridges and five highside drivers. The
integrated standard serial peripheral interface
(SPI) controls all operation modes (forward,
reverse, brake and high impedance). All
diagnostic informations are available via SPI.
PowerSO-36
PowerSSO-36
Table 1.
Device summary
Package
Order codes
Part number (tube)
Part number (tape and reel)
PowerSO-36
L9950
L9950TR
PowerSSO-36
L9950XP
L9950XPTR
www.st.com


Similar Part No. - L9950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950 Datasheet
1Mb / 22P
for car body applications
Oct-2013
L9950 STMICROELECTRONICS-L9950 Datasheet
559Kb / 39P
Door actuator driver
19-Sep-2013
L9950TR STMICROELECTRONICS-L9950TR Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950TR STMICROELECTRONICS-L9950TR Datasheet
559Kb / 39P
Door actuator driver
19-Sep-2013
More results

Similar Description - L9950

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9951 STMICROELECTRONICS-L9951_10 Datasheet
538Kb / 36P
Rear door actuator driver
14-May-2010
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com