Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F2V Datasheet(PDF) 94 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 3.3 V
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 94 Page - STMicroelectronics

Back Button PSD813F2V_09 Datasheet HTML 90Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 91Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 92Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 93Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 94Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 95Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 96Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 97Page - STMicroelectronics PSD813F2V_09 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
PSD813F2V, PSD854F2V
94/109
Doc ID 10552 Rev 3
Figure 47. Peripheral I/O READ Timing
Table 61. Port A Peripheral Data Mode READ Timing (5V devices)
Symbol
Parameter
Conditions
-70
-90
-15
Turbo
Off
Unit
Min
Max
Min
Max
Min
Max
tAVQV–PA
Address Valid to Data
Valid
(Note 3)
37
39
45
+ 10
ns
tSLQV–PA
CSI Valid to Data Valid
27
35
45
+ 10
ns
tRLQV–PA
RD to Data Valid
(Notes 1,4)
21
32
40
ns
RD to Data Valid 8031 Mode
32
38
45
ns
tDVQV–PA
Data In to Data Out Valid
22
30
38
ns
tQXRH–PA
RD Data Hold Time
0
0
0
ns
tRLRH–PA
RD Pulse Width
(Note 1)
27
32
38
ns
tRHQZ–PA
RD to Data High-Z
(Note 1)
23
25
30
ns
tQXRH (PA)
tRLQV (PA)
tRLRH (PA)
tDVQV (PA)
tRHQZ (PA)
tSLQV (PA)
tAVQV (PA)
ADDRESS
DATA VALID
ALE /AS
A /D BUS
RD
DATA ON PORT A
CSI
AI02897



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com