Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD2NK90Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD2NK90Z
Description  N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NK90Z Datasheet(HTML) 3 Page - STMicroelectronics

  STD2NK90Z Datasheet HTML 1Page - STMicroelectronics STD2NK90Z Datasheet HTML 2Page - STMicroelectronics STD2NK90Z Datasheet HTML 3Page - STMicroelectronics STD2NK90Z Datasheet HTML 4Page - STMicroelectronics STD2NK90Z Datasheet HTML 5Page - STMicroelectronics STD2NK90Z Datasheet HTML 6Page - STMicroelectronics STD2NK90Z Datasheet HTML 7Page - STMicroelectronics STD2NK90Z Datasheet HTML 8Page - STMicroelectronics STD2NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STP2NK90Z - STD2NK90Z - STD2NK90Z-1
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
STP2NK90Z
STD2NK90Z
STD2NK90Z-1
VDS
Drain-source voltage (VGS = 0)
900
V
VDGR
Drain-gate voltage (RGS = 20 kΩ)900
V
VGS
Gate- source Voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
2.1
A
ID
Drain current (continuous) at TC = 100°C
1.3
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
8.4
A
PTOT
Total dissipation at TC = 25°C
70
W
Derating factor
0.56
W/°C
VESD(G-S)
Gate source ESD(HBM-C=100pF,
R=1.5K
Ω)
2000
V
dv/dt (2)
2.
ISD ≤2.1A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
-55 to 150
°C
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
1.78
°C/W
Rthj-amb
Tl
Thermal resistance junction-ambient max
Maximum lead temperature for soldering purpose
62.5
300
°C/W
°C
Table 3.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
2.1
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
150
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com