Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDS3985M20R Datasheet(PDF) 18 Page - STMicroelectronics

Part # LDS3985M20R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M20R Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LDS3985M20R Datasheet HTML 12Page - STMicroelectronics LDS3985M20R Datasheet HTML 13Page - STMicroelectronics LDS3985M20R Datasheet HTML 14Page - STMicroelectronics LDS3985M20R Datasheet HTML 15Page - STMicroelectronics LDS3985M20R Datasheet HTML 16Page - STMicroelectronics LDS3985M20R Datasheet HTML 17Page - STMicroelectronics LDS3985M20R Datasheet HTML 18Page - STMicroelectronics LDS3985M20R Datasheet HTML 19Page - STMicroelectronics LDS3985M20R Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Order codes
LDS3985xx
18/20
Doc ID 11039 Rev 7
8
Order codes
Table 6.
Order codes
Packages
Output voltage
SOT23-5L
DFN6
DFN6D
LDS3985M125R (1)
1.
Available on request.
LDS3985PM12R (1)
1.25 V
LDS3985M135R (1)
LDS3985PM13R (1)
1.35 V
LDS3985M15R
LDS3985PM15R (1)
LDS3985PU15R
1.5 V
LDS3985M18R
LDS3985PM18R (1)
1.8 V
LDS3985M20R (1)
LDS3985PM20R (1)
2.0 V
LDS3985M21R (1)
LDS3985PM21R (1)
2.1 V
LDS3985M22R (1)
LDS3985PM22R (1)
2.2 V
LDS3985M25R
LDS3985PM25R (1)
2.5 V
LDS3985M26R (1)
LDS3985PM26R (1)
2.6 V
LDS3985M27R (1)
LDS3985PM27R (1)
2.7 V
LDS3985M28R
LDS3985PU28R
2.8 V
LDS3985M285R (1)
LDS3985PM285R (1)
2.85 V
LDS3985M29R (1)
LDS3985PM29R (1)
2.9 V
LDS3985M30R
LDS3985PM30R (1)
3.0 V
LDS3985M33R
LDS3985PU33R
3.3 V
LDS3985M47R (1)
LDS3985PM47R (1)
4.7 V
LDS3985M48R (1)
LDS3985PM48R (1)
4.8 V
LDS3985M49R (1)
LDS3985PM49R (1)
4.9 V
LDS3985M50R
LDS3985PM50R (1)
5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com