Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STR750FXX Datasheet(PDF) 77 Page - STMicroelectronics

Part # STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STR750FXX_09 Datasheet HTML 73Page - STMicroelectronics STR750FXX_09 Datasheet HTML 74Page - STMicroelectronics STR750FXX_09 Datasheet HTML 75Page - STMicroelectronics STR750FXX_09 Datasheet HTML 76Page - STMicroelectronics STR750FXX_09 Datasheet HTML 77Page - STMicroelectronics STR750FXX_09 Datasheet HTML 78Page - STMicroelectronics STR750FXX_09 Datasheet HTML 79Page - STMicroelectronics STR750FXX_09 Datasheet HTML 80Page - STMicroelectronics STR750FXX_09 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Package characteristics
77/84
Figure 46.
100-pin low profile flat package (14x14)
Figure 47.
64-ball low profile fine pitch ball grid array package
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and
rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.60
0.0630
A1
0.05
0.15 0.0020
0.0059
A2
1.35
1.40
1.45 0.0531 0.0551 0.0571
b
0.17
0.22
0.27 0.0067 0.0087 0.0106
C
0.09
0.20 0.0035
0.0079
D
16.00
0.6299
D1
14.00
0.5512
E
16.00
0.6299
E1
14.00
0.5512
e
0.50
0.0197
θ
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75 0.0177 0.0236 0.0295
L1
1.00
0.0394
Number of Pins
N
100
θ
c
L
L1
e
b
A
A2
A1
D
D1
E
E1
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded
to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.210
1.700 0.0476
0.0669
A1 0.270
0.0106
A2
1.120
0.0441
b
0.450 0.500 0.550 0.0177 0.0197 0.0217
D
7.750 8.000 8.150 0.3051 0.3150 0.3209
D1
5.600
0.2205
E
7.750 8.000 8.150 0.3051 0.3150 0.3209
E1
5.600
0.2205
e
0.720 0.800 0.880 0.0283 0.0315 0.0346
f
1.050 1.200 1.350 0.0413 0.0472 0.0531
ddd
0.120
0.0047
Number of Pins
N
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com