Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD57060STR-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD57060STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060STR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD57060STR-E Datasheet HTML 9Page - STMicroelectronics PD57060STR-E Datasheet HTML 10Page - STMicroelectronics PD57060STR-E Datasheet HTML 11Page - STMicroelectronics PD57060STR-E Datasheet HTML 12Page - STMicroelectronics PD57060STR-E Datasheet HTML 13Page - STMicroelectronics PD57060STR-E Datasheet HTML 14Page - STMicroelectronics PD57060STR-E Datasheet HTML 15Page - STMicroelectronics PD57060STR-E Datasheet HTML 16Page - STMicroelectronics PD57060STR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
PD57060-E
Common source s-parameter
Doc ID 11758 Rev 4
13/21
Table 10.
S-parameter PD57060S-E (VDS = 28 V IDS = 150 mA)
Freq
(MHz)
IS11I
S11 < Φ
IS21I
S21< Φ
IS12I
S12< Φ
IS22I
S22< Φ
150
0.881
-168
7.27
64
0.011
-20
0.744
-165
200
0.897
-170
5.03
54
0.009
-47
0.792
-166
250
0.915
-172
3.71
46
0.007
-32
0.823
-167
300
0.929
-173
2.82
39
0.007
-28
0.856
-168
350
0.939
-174
2.21
34
0.006
-30
0.879
-170
400
0.949
-175
1.78
29
0.004
-39
0.902
-171
450
0.956
-176
1.46
24
0.002
-30
0.920
-172
500
0.961
-177
1.21
20
0.003
-11
0.929
-173
550
0.966
-178
1.02
17
0.003
-16
0.937
-174
600
0.969
-179
0.87
14
0.001
-2
0.940
-175
650
0.972
-180
0.75
11
0.002
54
0.944
-176
700
0.974
180
0.66
8
0.003
47
0.953
-177
750
0.975
179
0.58
6
0.003
49
0.957
-178
800
0.976
178
0.51
4
0.003
78
0.962
-179
850
0.977
178
0.46
2
0.004
73
0.966
-180
900
0.977
177
0.41
0
0.005
64
0.969
180
950
0.979
177
0.37
-2
0.005
69
0.970
179
1000
0.978
176
0.34
-4
0.005
79
0.972
179
1050
0.979
175
0.31
-6
0.007
75
0.971
178
1100
0.978
175
0.28
-7
0.007
77
0.972
178
1150
0.977
175
0.26
-9
0.007
77
0.971
177
1200
0.977
174
0.24
-10
0.008
80
0.972
176
1250
0.975
174
0.22
-12
0.009
77
0.973
176
1300
0.974
173
0.20
-13
0.009
75
0.970
175
1350
0.974
173
0.19
-15
0.009
76
0.968
175
1400
0.972
172
0.18
-16
0.009
81
0.969
174
1450
0.971
172
0.16
-17
0.010
86
0.967
174
1500
0.969
171
0.15
-18
0.010
-89
0.968
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com