Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6228GP Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6228GP
Description  Smart Quad Channel Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6228GP Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6228GP_10 Datasheet HTML 6Page - Infineon Technologies AG TLE6228GP_10 Datasheet HTML 7Page - Infineon Technologies AG TLE6228GP_10 Datasheet HTML 8Page - Infineon Technologies AG TLE6228GP_10 Datasheet HTML 9Page - Infineon Technologies AG TLE6228GP_10 Datasheet HTML 10Page - Infineon Technologies AG TLE6228GP_10 Datasheet HTML 11Page - Infineon Technologies AG TLE6228GP_10 Datasheet HTML 12Page - Infineon Technologies AG TLE6228GP_10 Datasheet HTML 13Page - Infineon Technologies AG TLE6228GP_10 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Datasheet TLE 6228 G P
Timing Diagrams
Output Slope
V
VI NH
V
t
VDS
t
VST
85%
15%
t f
ton
t r
t D
t
VS
INL
IN
t off
Fig. 1
Overload Switch OFF Delay
ID
ID(lim)
ID(OL)
t
VST
t
t
DSO
t
D-failure
Fig. 2
V4.1
Page
10
2010-07-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com