Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD54008-E-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD54008-E-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008-E-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD54008-E-E Datasheet HTML 5Page - STMicroelectronics PD54008-E-E Datasheet HTML 6Page - STMicroelectronics PD54008-E-E Datasheet HTML 7Page - STMicroelectronics PD54008-E-E Datasheet HTML 8Page - STMicroelectronics PD54008-E-E Datasheet HTML 9Page - STMicroelectronics PD54008-E-E Datasheet HTML 10Page - STMicroelectronics PD54008-E-E Datasheet HTML 11Page - STMicroelectronics PD54008-E-E Datasheet HTML 12Page - STMicroelectronics PD54008-E-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
PD54008-E, PD54008S-E
Typical performance
Doc ID 12271 Rev 2
9/29
Figure 14.
Output power vs. gate bias voltage Table 8.
IMD3 vs. output power (470MHz)
0
0.5
1
1.5
2
2.5
3
3.5
VGS (V)
0
2
4
6
8
10
Pout (W)
VDD = 7.5 V
Pin = 0.6 W
480 MHz
500 MHz
520 MHz
0
1
23
4567
89
Pout (W)
-50
-45
-40
-35
-30
-25
-20
IMD3 (dB)
Freq=470MHz
Idq=400mA
Vdd=9V
Vdd=7.5V
Figure 15.
Power gain vs. output power
Table 9.
Return loss and efficiency vs.
output power
110
Pout (W)
16
17
18
19
20
21
22
Gp (dB)
Vdd=7.5V
Idq=150mA
250MHz
200MHz
175MHz
0
1
23
45
67
89
Pout (W)
-20
-15
-10
-5
0
5
10
IRL (dB)
10
20
30
40
50
60
70
Eff. (%)
Vdd = 7.5 V
Idq = 150 mA
250 MHz
175 MHz
200 MHz
250 MHz
175 MHz
200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com