Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95256-W Datasheet(PDF) 14 Page - STMicroelectronics

Part # M95256-W
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-W Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M95256-W Datasheet HTML 10Page - STMicroelectronics M95256-W Datasheet HTML 11Page - STMicroelectronics M95256-W Datasheet HTML 12Page - STMicroelectronics M95256-W Datasheet HTML 13Page - STMicroelectronics M95256-W Datasheet HTML 14Page - STMicroelectronics M95256-W Datasheet HTML 15Page - STMicroelectronics M95256-W Datasheet HTML 16Page - STMicroelectronics M95256-W Datasheet HTML 17Page - STMicroelectronics M95256-W Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Instructions
M95256-DR, M95256, M95256-W, M95256-R
14/48
Doc ID 12276 Rev 11
5
Instructions
Each instruction starts with a single-byte code, as summarized in Table 3.
If an invalid instruction is sent (one not contained in Table 3), the device automatically
deselects itself.
Table 3.
Instruction set
Instruction
Description
Instruction format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
Table 4.
M95256-R instruction set
Instruction
Description
Instruction
format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010
Read Identification
Page
Reads the page dedicated to identification.
1000 0011(1)
1.
Address bit A10 must be 0, all other address bits are Don't Care.
Write Identification
Page
Writes the page dedicated to identification.
1000 0010(1)
Read Lock Status
Reads the lock status of the Identification Page.
1000 0011(2)
2.
Address bit A10 must be 1, all other address bits are Don't Care.
Lock ID
Locks the Identification page in read-only mode.
1000 0010(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com