Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB11NM60N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB11NM60N
Description  N-channel 600 V, 0.37 Ω, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM60N Datasheet(HTML) 5 Page - STMicroelectronics

  STB11NM60N Datasheet HTML 1Page - STMicroelectronics STB11NM60N Datasheet HTML 2Page - STMicroelectronics STB11NM60N Datasheet HTML 3Page - STMicroelectronics STB11NM60N Datasheet HTML 4Page - STMicroelectronics STB11NM60N Datasheet HTML 5Page - STMicroelectronics STB11NM60N Datasheet HTML 6Page - STMicroelectronics STB11NM60N Datasheet HTML 7Page - STMicroelectronics STB11NM60N Datasheet HTML 8Page - STMicroelectronics STB11NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STx11NM60N
Electrical characteristics
5/20
2.1
Electrical characteristics (curves)
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 300 V, ID = 5 A,
RG = 4.7 Ω, VGS = 10 V
Figure 18
Figure 23
22
18.5
50
12
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
10
40
A
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD = 10 A, VGS=0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD =10 A, di/dt =100 A/µs,
VDD =100 V
Figure 20
340
3.26
19.2
ns
µC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
VDD =100 V
di/dt =100 A/µs, ISD = 10 A
TJ = 150 °C Figure 20
460
4.42
19.2
ns
µC
A
Figure 2.
Safe operating area for TO-220,
I²PAK, D²PAK
Figure 3.
Thermal impedance for TO-220,
I²PAK, D²PAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com