Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95256-CS3TG/A Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95256-CS3TG/A
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-CS3TG/A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95256-CS3TG/A Datasheet HTML 6Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 7Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 8Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 9Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 10Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 11Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 12Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 13Page - STMicroelectronics M95256-CS3TG/A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Signal description
M95256-DR, M95256, M95256-W, M95256-R
10/48
Doc ID 12276 Rev 11
3.6
Write Protect (W)
The main purpose of this input signal is to freeze the size of the area of memory that is
protected against Write instructions (as specified by the values in the BP1 and BP0 bits of
the Status Register).
This pin must be driven either high or low, and must be stable during all write instructions.
3.7
VSS ground
VSS is the reference for the VCC supply voltage.
3.8
Operating supply voltage (VCC)
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 8, Table 9,
Table 10).
This voltage must remain stable and valid until the end of the transmission of the
instructionand, for a Write instruction, until the completion of the internal write cycle (tW).
In order to secure a stable DC supply voltage, it is recommended to decouple the VCC line
with a suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS
package pins.
3.8.1
Device reset
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR)
circuit is included. At power-up, the device does not respond to any instruction until VCC
reaches the internal Reset threshold voltage (this threshold is defined in DC tables as
VRES). (this threshold is lower than the minimum VCC operating voltage defined in Table 8,
Table 9 and Table 10).
When VCC passes over the POR threshold, the device is reset and in the following state:
in Standby Power mode,
deselected (note that a further instruction must be preceded by a falling edge on Chip
Select (S) to be executed),
Status Register value:
the Write Enable Latch (WEL) is reset to 0,
Write In Progress (WIP) is reset to 0,
The SRWD, BP1 and BP0 bits remain unchanged (non-volatile bits)
When VCC passes over the POR threshold, the device is reset and enters the Standby
Power mode, however, the device must not be accessed until VCC reaches a valid and
stable VCC voltage within the specified [VCC(min), VCC(max)] range defined in Table 8, Table 9
and Table 10).
3.8.2
Power-up conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this
time, the Chip Select (S) line is not allowed to float but should follow the VCC voltage, it is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com