Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4811M Datasheet(PDF) 30 Page - STMicroelectronics

Part # STW4811M
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811M Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STW4811M Datasheet HTML 26Page - STMicroelectronics STW4811M Datasheet HTML 27Page - STMicroelectronics STW4811M Datasheet HTML 28Page - STMicroelectronics STW4811M Datasheet HTML 29Page - STMicroelectronics STW4811M Datasheet HTML 30Page - STMicroelectronics STW4811M Datasheet HTML 31Page - STMicroelectronics STW4811M Datasheet HTML 32Page - STMicroelectronics STW4811M Datasheet HTML 33Page - STMicroelectronics STW4811M Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
Functional description
STw4811M/STw4811N
30/85
CD00131784
Registers controlled by main I2C BUS
I2C controlled registers are controlled through the main serial I2C interface, SCL and SDA
balls.
Configuration 1 register
In Flash OTP two registers allow to program STw4811 energy management part.
These two registers are at addresses 1E and 1F and must be programmed with
1F register
first followed by
1E register.
Table 18.
Configuration 1 register (11h)
76
5
4
3
2
1
0
pdn_vaux
it_warn
monitoring_vio_
vmem_vcore
mmc_ls_
status
vmmc_sel[2:0]
pdn_
vmmc
R/W
R(1)
R(1)
1.
These bits are reset (0) after reading
R/W
R/W
R/W
Bits
Name
Value
Settings
Default
7
pdn_vaux
0
1
Inactive
Enable LDO vaux
0(1)
1.
In STw4811M, pdn_vaux = 0 is the default. In STw4811N, pdn_vaux = 1 is the default.
6it_warn
0
1
Below temperature threshold
Above temperature threshold
0
5
monitoring_vio_
vmem_vcore
0
1
Outputs in the good range
Outputs lower than expected on vio_vmem or vcore
0
4
mmc_ls_status
0
1
Level shifters ON, if ‘pdn_vmmc’ or
‘external_vmmc’ = 1
Level shifters High Impedance, if ‘pdn_vmmc’ or
‘external_vmmc’ =1
0
[3:1] vmmc_sel[2:0]
000
001
010
011
100
101
110
111
1.8V selection
1.8V selection
2.85V selection
3V selection
1.85 V selection
2.6 V selection
2.7 V selection
3.3 V selection
000
0
pdn_vmmc
0
1
Inactive
Enable SD/MMC/SDIO function.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com