Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW4811NBHD/LF Datasheet(PDF) 38 Page - STMicroelectronics

Part # STW4811NBHD/LF
Description  Power management for multimedia processors
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811NBHD/LF Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STW4811NBHD/LF Datasheet HTML 34Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 35Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 36Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 37Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 38Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 39Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 40Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 41Page - STMicroelectronics STW4811NBHD/LF Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
Functional description
STw4811M/STw4811N
38/85
CD00131784
4.2.6
IT generation
STw4811 has three interrupt balls:
IT_WAKE_UP: with only VBAT supply, no other supply available, when a USB cable is
plugged this interrupt is activated to wake up the host or the modem, depends of application
(open drain, active low).
By default this feature is available independently of PON level, it can be masked when
PON = 1 by ‘mask_it_wake_up’ bit of
Configuration 2 register (see Table 28)
USBINTn: This interrupt ball is dedicated to USB protocol and sent to multimedia processor.
Independently of PWREN ball state, this ball goes to low level if an USB interrupt source is
detected. In sleep mode, PWREN = 0, an interrupt source is detected only if unmasked
before PWREN goes to low level.
VDDOK: This ball has two functions:
- When high, it indicates that VIO_VMEM and VCORE output voltages are within the right
range and that the device internal temperature is below the maximum allowed temperature.
- When low, it indicates that output regulators (VCORE or VIO_VMEM) are not regulated
properly or PWREN = “0”, or that the temperature is above the allowed threshold (see
Thermal shut-down section), ‘it_warm’ bit of Configuration 1 register is the temperature
interruption source (see
Table 18).
4.2.7
Clock switching and control
This block generates the clock used by the DC/DC converter (USB charge pump, step-down
VIO_VMEM and step-down VCORE). STw4811 is able to sustain the master clock
frequencies of 26 MHz, 19.2MHz and 13 MHz. If the clock is not detected the internal
oscillator is automatically selected.
STw4811 allows customers to use the internal clock issued from the internal oscillator to
switch the SMPS and charge pump; or, they can provide an external clock and connect it to
the master clock input. If it is not necessary, it is recommended to run the device on the
internal clock. Nevertheless, if the external clock is used, this clock has some constraints:
–
the master-clk must be provided each time the device is in high power mode.
When the device changes from sleep mode to high power mode the master-clk
must be active before the device is in high power mode (the master-clk must be
available and stable when PWREN pin goes to high level).
–
the only way to stop the use of the master_clk, in HPM mode, is to restart the
device with the OFF/ON sequence on PON (PON = 1 then 0 then 1)
Note:
When present the Master clock should remain connected up to sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com