Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2124YMM Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2124YMM
Description  Constant Frequency, Synchronous Current Mode Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2124YMM Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2124YMM Datasheet HTML 11Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 12Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 13Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 14Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 15Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 16Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 17Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 18Page - Micrel Semiconductor MIC2124YMM Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Micrel, Inc.
MIC2124
June 2010
15
M9999-060810-D
Feedback Loop Compensation
The MIC2124 controller comes with an internal error
amplifier used for optimizing control loop stability by
placing a capacitor C1 in series with a resistor R1 and
another capacitor C2 in parallel from the COMP pin to
ground.
Figure 6. Loop Compensation
a. Power Stage
The adaptive on-time current mode control applied in
MIC2124 controller eliminates the double-pole in the
power stage, which is caused by the output inductor and
output capacitor. At the frequency range which is far
below the switching frequency (f < fSW/6), the transfer
function from the output of the error amplifier to the buck
converter output can be approximated by the following
equation:
p
C
OUT
C
con
s
1
ESR
C
s
1
G
G(s)
OUT
ϖ
+
×
×
+
×
(29)
where:
2
D
L
f
R
1
1
Ri
R
G
SW
LOAD
LOAD
C
×
×
+
×
=
2
D
C
L
f
1
R
C
1
OUT
SW
LOAD
OUT
p
×
×
×
+
×
=
ϖ
COUT = total output capacitors
ESRCOUT = electrical series resistance of the output
capacitor
RLOAD = load resistance
Ri = 2.4 x Rds(on)_bottom (low-side MOSFET Rds(on))
fSW = switching frequency
L = inductance of the output inductor
D = duty cycle
According to equation (29), there is a pole and zero pair
set by the load resistance RLOAD, the output capacitor,
and the output inductor in the power stage:
OUT
C
OUT
)
con
(
z
ESR
C
π
2
1
f
×
×
=
(30)
)
2
D
C
L
f
1
R
C
1
(
2
1
f
OUT
SW
LOAD
OUT
)
con
(
p
×
×
×
+
×
×
π
=
(31)
Therefore, type II compensation, which is comprised by
C1, R1 and C2, is able to achieve a stabilized loop for
MIC2124 in most applications.
b. gm Error Amplifier
It is undesirable to have high error amplifier gain at high
frequencies because high frequency noise spikes would
be picked up and transmitted at large amplitude to the
output; thus, gain should be permitted to fall off at high
frequencies. At low frequency, it is desired to have high
open-loop gain to attenuate the power line ripple. Thus,
the error amplifier gain should be allowed to increase
rapidly at low frequencies.
The transfer function with R1, C1, and C2 for the internal
gm error amplifier can be expressed as:
()
+
×
×
×
+
×
+
×
×
×
+
×
=
C2
C1
C2
C1
R1
s
1
C2
C1
s
C1
R1
s
1
g
G(s)
m
err
(32)
One pole and one zero can be seen from the above
transfer function at the following frequencies:
1
C
1
R
π
2
1
f
)
err
(
z
×
×
=
(33)
2
C
1
C
2
C
1
C
1
R
π
2
1
f
)
err
(
p
+
×
×
×
=
(34)
c. Total Open-Loop Response
The open-loop response for the MIC2124 controller is
easily obtained by combining the power stage, the
feedback resistor divider, and the error amplifier gains
together.
err
con
2
FB
1
FB
2
FB
total
)
s
(
G
G(s)
R
R
R
)
s
(
G
×
×
+
=
(35)
where RFB1 and RFB2 are the voltage divider resistors, as
shown in the typical application schematic on Page 1.
It is desirable to have the gain curve intersect zero dB at
tens of kilohertz, this is commonly called crossover
frequency; the phase margin at crossover frequency
should be at least 45°.
12V to 1.8V @ 10A application is applied as an example
to demonstrate the loop compensation for MIC2124. In
this application:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com