Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M01-HWCS6TP/A Datasheet(PDF) 24 Page - STMicroelectronics

Part # M24M01-HWCS6TP/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HWCS6TP/A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M24M01-HWCS6TP/A Datasheet HTML 20Page - STMicroelectronics M24M01-HWCS6TP/A Datasheet HTML 21Page - STMicroelectronics M24M01-HWCS6TP/A Datasheet HTML 22Page - STMicroelectronics M24M01-HWCS6TP/A Datasheet HTML 23Page - STMicroelectronics M24M01-HWCS6TP/A Datasheet HTML 24Page - STMicroelectronics M24M01-HWCS6TP/A Datasheet HTML 25Page - STMicroelectronics M24M01-HWCS6TP/A Datasheet HTML 26Page - STMicroelectronics M24M01-HWCS6TP/A Datasheet HTML 27Page - STMicroelectronics M24M01-HWCS6TP/A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
DC and AC parameters
M24M01-R, M24M01-W, M24M01-HR
24/37
Doc ID 12943 Rev 7
Table 13.
AC characteristics at 400 kHz (M24M01-R and M24M01-W)
Test conditions specified in Table 7 and Table 8
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock frequency
400
kHz
tCHCL
tHIGH
Clock pulse width high
600
ns
tCLCH
tLOW
Clock pulse width low
1300
ns
tXH1XH2
(1)
1.
Input rise/fall time values recommended by the I²C-bus specification in Standard mode (100 kHz mode).
The M24xxx devices accept these maximum input rise/fall times when running at a higher clock frequency
provided that these rise/fall times are compatible with all the other timing conditions defined in this AC
table.
tR
Input signal rise time
300
ns
tXL1XL2
(1)
tF
Input signal fall time
300
ns
tQL1QL2
(2)
2.
The SDA(out) rise time is not defined by the M24xxx, it is defined by the application pull-up resistor
(connected on the SDA line) and, therefore, it is not specified in this table.
tF
SDA (out) fall time
20
120
ns
tDXCH
tSU:DAT Data in set up time
100
ns
tCLDX
tHD:DAT Data in hold time
0
ns
tCLQX
tDH
Data out hold time
200
ns
tCLQV
(3)(4)
3.
To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or
rising edge of SDA.
4.
tCLQV is the time (from the falling edge of SCL) required by the SDA bus line to reach 0.8VCC in a
compatible way with the I2C specification (which specifies tSU:DAT (min) = 100 ns), assuming that the Rbus
× Cbus time constant is less than 500 ns (as specified in Figure 5).
tAA
Clock low to next data valid (access time)
200
900
ns
tCHDL
(5)
5.
For a reStart condition, or following a Write cycle.
tSU:STA Start condition setup time
600
ns
tDLCL
tHD:STA Start condition hold time
600
ns
tCHDH
tSU:STO Stop condition setup time
600
ns
tDHDL
tBUF
Time between Stop condition and next Start
condition
1300
ns
tW
tWR
Write time
5
ms
tNS
(6)
6.
Characterized only, not tested in production.
Pulse width ignored (input filter on SCL and
SDA)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com