Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD95N4F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD95N4F3
Description  N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD95N4F3 Datasheet(HTML) 4 Page - STMicroelectronics

  STD95N4F3 Datasheet HTML 1Page - STMicroelectronics STD95N4F3 Datasheet HTML 2Page - STMicroelectronics STD95N4F3 Datasheet HTML 3Page - STMicroelectronics STD95N4F3 Datasheet HTML 4Page - STMicroelectronics STD95N4F3 Datasheet HTML 5Page - STMicroelectronics STD95N4F3 Datasheet HTML 6Page - STMicroelectronics STD95N4F3 Datasheet HTML 7Page - STMicroelectronics STD95N4F3 Datasheet HTML 8Page - STMicroelectronics STD95N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STD95N4F3, STP95N4F3
4/14
Doc ID 13288 Rev 3
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
40
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,Tc = 125 °C
10
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20 V
±
200
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 40 A for DPAK
5.0
5.8
m
Ω
VGS= 10 V, ID= 40 A for TO-220
5.4
6.2
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min Typ. Max. Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward transconductance
VDS = 25 V, ID=40 A
-
100
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer capacitance
VDS =25 V, f=1 MHz, VGS=0
-
2200
580
40
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=20 V, ID = 80 A
VGS =10 V
Figure 14
-
40
11
8
54
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com