Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB8NM60N Datasheet(PDF) 18 Page - STMicroelectronics

Part # STB8NM60N
Description  N-channel 600 V, 0.56 Ω,7 A MDmesh™II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB8NM60N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STB8NM60N Datasheet HTML 11Page - STMicroelectronics STB8NM60N Datasheet HTML 12Page - STMicroelectronics STB8NM60N Datasheet HTML 13Page - STMicroelectronics STB8NM60N Datasheet HTML 14Page - STMicroelectronics STB8NM60N Datasheet HTML 15Page - STMicroelectronics STB8NM60N Datasheet HTML 16Page - STMicroelectronics STB8NM60N Datasheet HTML 17Page - STMicroelectronics STB8NM60N Datasheet HTML 18Page - STMicroelectronics STB8NM60N Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STx8NM60N
18/19
6
Revision history
Table 9.
Document revision history
Date
Revision
Changes
29-Aug-2007
1
First release
07-Jan-2008
2
IDSS value has been corrected on Table 5: On/off states
21-Nov-2008
3
Added new package, mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com