Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M01-HRCS3TP/A Datasheet(PDF) 29 Page - STMicroelectronics

Part # M24M01-HRCS3TP/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HRCS3TP/A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M24M01-HRCS3TP/A Datasheet HTML 25Page - STMicroelectronics M24M01-HRCS3TP/A Datasheet HTML 26Page - STMicroelectronics M24M01-HRCS3TP/A Datasheet HTML 27Page - STMicroelectronics M24M01-HRCS3TP/A Datasheet HTML 28Page - STMicroelectronics M24M01-HRCS3TP/A Datasheet HTML 29Page - STMicroelectronics M24M01-HRCS3TP/A Datasheet HTML 30Page - STMicroelectronics M24M01-HRCS3TP/A Datasheet HTML 31Page - STMicroelectronics M24M01-HRCS3TP/A Datasheet HTML 32Page - STMicroelectronics M24M01-HRCS3TP/A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
M24M01-R, M24M01-W, M24M01-HR
Package mechanical data
Doc ID 12943 Rev 7
29/37
Figure 16.
WLCSP8 – Wafer level chip scale package outline
1.
Drawing is not to scale and corresponds to preliminary data.
2.
The dimension is measured at the maximum bump diameter parallel to primary datum Z.
3.
The primary datum Z and seating plane are defined by the spherical crowns of the bump.
4.
Bump position designation per JESD 95-1, SPP-010.
Table 17.
WLCSP8 – Wafer level chip scale package mechanical data(1)
1.
Preliminary data.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.580
0.555
0.605
0.0228
0.0219
0.0238
A1
0.230
0.0091
A2
0.350
0.0138
b
0.322
0.0127
D
3.570
3.685
0.1406
0.1451
E
2.050
2.165
0.0807
0.0852
e
0.600
0.0236
e1
2.400
0.0945
e2
1.200
0.0472
F
0.585
0.0230
G
0.424
0.0167
aaa
0.110
0.0043
bbb
0.110
0.0043
ccc
0.110
0.0043
ddd
0.060
0.0024
eee
0.060
0.0024
N (number of bumps) 8
Orientation reference
Wafer’s back side
Side view
Bump side
Orientation
reference
Detail A
Bump
Seating plane(3)
Detail A rotated by 90°
D
E
A2
A
F
e1
e2
e
e2
G
A1
b(8X)(2)
Note 4
(4X)
eee Z
Z
aaa
E1_ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com