Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24M01-HWMN6P/A Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24M01-HWMN6P/A
Description  1 Mbit serial I²C bus EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-HWMN6P/A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24M01-HWMN6P/A Datasheet HTML 24Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 25Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 26Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 27Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 28Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 29Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 30Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 31Page - STMicroelectronics M24M01-HWMN6P/A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Package mechanical data
M24M01-R, M24M01-W, M24M01-HR
28/37
Doc ID 12943 Rev 7
Figure 15.
SO8W – 8-lead plastic small outline, 208 mils body width, package outline
1.
Drawing is not to scale.
2.
The ‘1’ that appears in the top view of the package shows the position of pin 1 and the ‘N’ indicates the total
number of pins.
Table 16.
SO8W – 8-lead plastic small outline, 208 mils body width, package
mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
2.5
0.0984
A1
0
0.25
0
0.0098
A2
1.51
2
0.0594
0.0787
b
0.4
0.35
0.51
0.0157
0.0138
0.0201
c
0.2
0.1
0.35
0.0079
0.0039
0.0138
CP
0.1
0.0039
D
6.05
0.2382
E
5.02
6.22
0.1976
0.2449
E1
7.62
8.89
0.3
0.35
e
1.27
-
-
0.05
-
-
k
0°
10°
0°
10°
L
0.5
0.8
0.0197
0.0315
N8
8
6L_ME
E
N
CP
b
e
A2
D
c
L
A1
k
E1
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com