Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STU85N3LH5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU85N3LH5
Description  N-channel 30 V, 0.0042 Ω , 80 A, DPAK, TO-220, IPAK STripFET™V Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU85N3LH5 Datasheet(HTML) 3 Page - STMicroelectronics

  STU85N3LH5 Datasheet HTML 1Page - STMicroelectronics STU85N3LH5 Datasheet HTML 2Page - STMicroelectronics STU85N3LH5 Datasheet HTML 3Page - STMicroelectronics STU85N3LH5 Datasheet HTML 4Page - STMicroelectronics STU85N3LH5 Datasheet HTML 5Page - STMicroelectronics STU85N3LH5 Datasheet HTML 6Page - STMicroelectronics STU85N3LH5 Datasheet HTML 7Page - STMicroelectronics STU85N3LH5 Datasheet HTML 8Page - STMicroelectronics STU85N3LH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD85N3LH5
Electrical ratings
Doc ID 13833 Rev 7
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VDS
Drain-source voltage (VGS = 0) @ TJMAX
35
V
VGS
Gate-source voltage
± 22
V
ID
(1)
1.
Limited by wire bonding
Drain current (continuous) at TC = 25 °C
80
A
ID
Drain current (continuous) at TC = 100 °C
55
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25 °C
70
W
Derating factor
0.47
W/°C
EAS
(3)
3.
Starting Tj = 25°C, ID = 40 A, VDD = 25 V
Single pulse avalanche energy
165
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
175
°C
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
TO-220
DPAK
IPAK
Rthj-case
Thermal resistance junction-case max
2.14
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
100
°C/W
Rthj-pcb
Thermal resistance junction-pcb max
100
°C/W
Tl
Maximum lead temperature for
soldering purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com