Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T08 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48T08_10 Datasheet HTML 11Page - STMicroelectronics M48T08_10 Datasheet HTML 12Page - STMicroelectronics M48T08_10 Datasheet HTML 13Page - STMicroelectronics M48T08_10 Datasheet HTML 14Page - STMicroelectronics M48T08_10 Datasheet HTML 15Page - STMicroelectronics M48T08_10 Datasheet HTML 16Page - STMicroelectronics M48T08_10 Datasheet HTML 17Page - STMicroelectronics M48T08_10 Datasheet HTML 18Page - STMicroelectronics M48T08_10 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
M48T08, M48T08Y, M48T18
Clock operations
Doc ID 2411 Rev 10
15/31
Keys:
S = SIGN bit
FT = FREQUENCY TEST bit (set to '0' for normal clock operation)
R = READ bit
W = WRITE bit
ST = STOP bit
0 = Must be set to '0'
3.3
Stopping and starting the oscillator
The oscillator may be stopped at any time. If the device is going to spend a significant
amount of time on the shelf, the oscillator can be turned off to minimize current drain on the
battery. The STOP bit (ST) is the MSB of the seconds register. Setting it to a '1' stops the
oscillator. The M48T08/18/08Y (in the PCDIP28 package) is shipped from
STMicroelectronics with the STOP bit set to a '1.' When reset to a '0,' the M48T08/18/08Y
oscillator starts within one second.
Note:
To guarantee oscillator startup after initial power-up, first write the STOP bit (ST) to '1,' then
reset to '0.'
3.4
Calibrating the clock
The M48T08/18/08Y is driven by a quartz-controlled oscillator with a nominal frequency of
32,768 Hz. A typical M48T08/18/08Y is accurate within 1 minute per month at 25 °C without
calibration. The devices are tested not to exceed ± 35 ppm (parts per million) oscillator
frequency error at 25 °C, which equates to about ±1.53 minutes per month. With the
calibration bits properly set, the accuracy of each M48T08/18/08Y improves to better than
+1/–2 ppm at 25 °C.
The oscillation rate of any crystal changes with temperature. Figure 8 on page 17 shows the
frequency error that can be expected at various temperatures. Most clock chips compensate
for crystal frequency and temperature shift error with cumbersome “trim” capacitors. The
Table 5.
Register map
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
1FFFh
10 years
Year
Year
00-99
1FFEh
0
0
0
10 M
Month
Month
01-12
1FFDh
0
0
10 date
Date
Date
01-31
1FFCh
0
FT
0
0
0
Day
Day
01-07
1FFBh
0
0
10 hours
Hours
Hours
00-23
1FFAh
0
10 minutes
Minutes
Minutes
00-59
1FF9h
ST
10 seconds
Seconds
Seconds
00-59
1FF8h
W
R
S
Calibration
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com