Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLD128DNT4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD128DNT4
Description  High voltage fast-switching NPN power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD128DNT4 Datasheet(HTML) 1 Page - STMicroelectronics

  STLD128DNT4 Datasheet HTML 1Page - STMicroelectronics STLD128DNT4 Datasheet HTML 2Page - STMicroelectronics STLD128DNT4 Datasheet HTML 3Page - STMicroelectronics STLD128DNT4 Datasheet HTML 4Page - STMicroelectronics STLD128DNT4 Datasheet HTML 5Page - STMicroelectronics STLD128DNT4 Datasheet HTML 6Page - STMicroelectronics STLD128DNT4 Datasheet HTML 7Page - STMicroelectronics STLD128DNT4 Datasheet HTML 8Page - STMicroelectronics STLD128DNT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2009
Doc ID 13984 Rev 3
1/14
14
STL128DN
High voltage fast-switching NPN power transistor
Features
■ High voltage capability
■ Low spread of dynamic parameters
■ Very high switching speed
■ Large RBSOA
■ Integrated antiparallel collector-emitter diode
Applications
■ Electronic ballast for fluorescent lighting
■ Flyback and forward single transistor low
power converters
Description
The device is manufactured using high voltage
multi epitaxial planar technology for high switching
speeds and medium voltage capability. It uses a
cellular emitter structure with planar edge
termination to enhance switching speeds while
maintaining the wide RBSOA. The device is
designed for use in lighting applications and low
cost switch-mode power supplies.
Figure 1.
Internal schematic diagram
TO-220
1
2
3
TAB
1
2
3
TO-220FP
1
3
TO-252 (DPAK)
TAB
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STL128DN
L128DN
TO-220
Tube
STL128DNFP
L128DNFP
TO-220FP
Tube
STLD128DNT4
LD128DN
DPAK
Tape and reel
www.st.com


Similar Part No. - STLD128DNT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD125N4F6AG STMICROELECTRONICS-STLD125N4F6AG Datasheet
632Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
16-Feb-2016
More results

Similar Description - STLD128DNT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com