Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV250N55F3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV250N55F3
Description  N-channel 55 V, 1.5 mΩ, 250 A, PowerSO-10 STripFET??Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV250N55F3 Datasheet(HTML) 5 Page - STMicroelectronics

  STV250N55F3 Datasheet HTML 1Page - STMicroelectronics STV250N55F3 Datasheet HTML 2Page - STMicroelectronics STV250N55F3 Datasheet HTML 3Page - STMicroelectronics STV250N55F3 Datasheet HTML 4Page - STMicroelectronics STV250N55F3 Datasheet HTML 5Page - STMicroelectronics STV250N55F3 Datasheet HTML 6Page - STMicroelectronics STV250N55F3 Datasheet HTML 7Page - STMicroelectronics STV250N55F3 Datasheet HTML 8Page - STMicroelectronics STV250N55F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STV250N55F3
Electrical characteristics
5/12
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min. Typ.
Max Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 27.5 V, ID = 60 A
RG = 4.7 Ω, VGS = 10 V,
Figure 13
25
150
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD = 27.5 V, ID = 60 A
RG = 4.7 Ω, VGS = 10 V,
Figure 13
110
50
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
ISD
ISD
(1)
1.
Pulse width limited by safe operating area
Source-drain current
Source-drain current (pulsed)
250
1000
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 120 A, VGS = 0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 120 A, di/dt = 100 A/µs
VDD = 35 V, Tj = 150 °C
Figure 18
60
110
3.5
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com