Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T08
Description  5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T08 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T08 Datasheet HTML 1Page - STMicroelectronics M48T08 Datasheet HTML 2Page - STMicroelectronics M48T08 Datasheet HTML 3Page - STMicroelectronics M48T08 Datasheet HTML 4Page - STMicroelectronics M48T08 Datasheet HTML 5Page - STMicroelectronics M48T08 Datasheet HTML 6Page - STMicroelectronics M48T08 Datasheet HTML 7Page - STMicroelectronics M48T08 Datasheet HTML 8Page - STMicroelectronics M48T08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
June 2010
Doc ID 2411 Rev 10
1/31
1
M48T08
M48T08Y, M48T18
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
Features
Integrated ultra low power SRAM, real-time
clock, power-fail control circuit, and battery
BYTEWIDERAM-like clock access
BCD coded year, month, day, date, hours,
minutes, and seconds
Typical clock accuracy of ±1 minute a month, at
25 °C
Automatic power-fail chip deselect and write
protection
Write protect
VPFD = Power-fail deselect voltage):
–M48T08: VCC = 4.75 to 5.5 V
4.5 V
≤ VPFD ≤ 4.75 V
– M48T18/T08Y: VCC = 4.5 to 5.5 V
4.2 V
≤ VPFD ≤ 4.5 V
Software controlled clock calibration for high
accuracy applications
Self-contained battery and crystal in the
CAPHATDIP package
Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately)
SOIC package provides direct connection for a
snaphat top which contains the battery and
crystal
Pin and function compatible with DS1643 and
JEDEC standard 8 K x 8 SRAMs
RoHS compliant
– Lead-free second level interconnect
28
1
PCDIP28 (PC)
battery/crystal
CAPHAT™
28
1
SNAPHAT® (SH)
battery/crystal
SOH28 (MH)
www.st.com


Similar Part No. - M48T08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
M48T08 STMICROELECTRONICS-M48T08 Datasheet
259Kb / 30P
5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
04-Jul-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
TIMEKEEPER SRAM
logo
STMicroelectronics
M48T08 STMICROELECTRONICS-M48T08 Datasheet
497Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 11
M48T08-100MH1 STMICROELECTRONICS-M48T08-100MH1 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
More results

Similar Description - M48T08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T58Y STMICROELECTRONICS-M48T58Y Datasheet
183Kb / 27P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
20-May-2002
M48T35_0708 STMICROELECTRONICS-M48T35_0708 Datasheet
258Kb / 29P
5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
01-Aug-2007
M48T58 STMICROELECTRONICS-M48T58_07 Datasheet
259Kb / 31P
5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
30-Aug-2007
M48Z58 STMICROELECTRONICS-M48Z58_10 Datasheet
435Kb / 24P
5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
14-Oct-2010
M48T58 STMICROELECTRONICS-M48T58_10 Datasheet
517Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
02-Aug-2010
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
5 V, 64 Kbit (8 Kb x 8) ZEROPOWER® SRAM
27-May-2010
M48T08 STMICROELECTRONICS-M48T08_11 Datasheet
497Kb / 31P
5 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 11
M48T58 STMICROELECTRONICS-M48T58_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48T58Y STMICROELECTRONICS-M48T58Y_11 Datasheet
495Kb / 33P
5.0 V, 64 Kbit (8 Kb x 8) TIMEKEEPER® SRAM
June 2011 Rev 8
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
07-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com