Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F103T8U7XXX Datasheet(PDF) 53 Page - STMicroelectronics

Part # STM32F103T8U7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103T8U7XXX Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F103T8U7XXX Datasheet HTML 49Page - STMicroelectronics STM32F103T8U7XXX Datasheet HTML 50Page - STMicroelectronics STM32F103T8U7XXX Datasheet HTML 51Page - STMicroelectronics STM32F103T8U7XXX Datasheet HTML 52Page - STMicroelectronics STM32F103T8U7XXX Datasheet HTML 53Page - STMicroelectronics STM32F103T8U7XXX Datasheet HTML 54Page - STMicroelectronics STM32F103T8U7XXX Datasheet HTML 55Page - STMicroelectronics STM32F103T8U7XXX Datasheet HTML 56Page - STMicroelectronics STM32F103T8U7XXX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
STM32F103x8, STM32F103xB
Electrical characteristics
Doc ID 13587 Rev 12
53/96
High-speed internal (HSI) RC oscillator
Low-speed internal (LSI) RC oscillator
Wakeup time from low-power mode
The wakeup times given in Table 26 is measured on a wakeup phase with a 8-MHz HSI RC
oscillator. The clock source used to wake up the device depends from the current operating
mode:
●
Stop or Standby mode: the clock source is the RC oscillator
●
Sleep mode: the clock source is the clock that was set before entering Sleep mode.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 9.
Table 24.
HSI oscillator characteristics(1)
1.
VDD = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
8
MHz
ACCHSI
Accuracy of the HSI
oscillator
User-trimmed with the RCC_CR
register(2)
2.
Refer to application note AN2868 “STM32F10xxx internal RC oscillator (HSI) calibration” available from
the ST website www.st.com.
1(3)
3.
Guaranteed by design, not tested in production.
%
Factory-
calibrated(4)
4.
Based on characterization, not tested in production.
TA = –40 to 105 °C
–2
2.5
%
TA = –10 to 85 °C
–1.5
2.2
%
TA = 0 to 70 °C
–1.3
2
%
TA = 25 °C
–1.1
1.8
%
tsu(HSI)
(4)
HSI oscillator
startup time
12
µs
IDD(HSI)
(4)
HSI oscillator power
consumption
80
100
µA
Table 25.
LSI oscillator characteristics (1)
1.
VDD = 3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
fLSI
(2)
2.
Based on characterization, not tested in production.
Frequency
30
40
60
kHz
tsu(LSI)
(3)
3.
Guaranteed by design, not tested in production.
LSI oscillator startup time
85
µs
IDD(LSI)
(3)
LSI oscillator power consumption
0.65
1.2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com