Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R8CL35A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R8CL35A
Description  Household appliances, office equipment, audio equipment, consumer products, etc.
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8CL35A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R8CL35A_09 Datasheet HTML 5Page - Renesas Technology Corp R8CL35A_09 Datasheet HTML 6Page - Renesas Technology Corp R8CL35A_09 Datasheet HTML 7Page - Renesas Technology Corp R8CL35A_09 Datasheet HTML 8Page - Renesas Technology Corp R8CL35A_09 Datasheet HTML 9Page - Renesas Technology Corp R8CL35A_09 Datasheet HTML 10Page - Renesas Technology Corp R8CL35A_09 Datasheet HTML 11Page - Renesas Technology Corp R8CL35A_09 Datasheet HTML 12Page - Renesas Technology Corp R8CL35A_09 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
1. Overview
REJ03B0243-0030 Rev.0.30
Jan 21, 2009
Page 7 of 76
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
1.2
Product Lists
Tables 1.8 to 1.15 list product information for each group. Figure 1.1 to 1.8 show the Correspondence of Part No.,
with Memory Size and Package of R8C/Lx Group.
Table 1.8
Product List for R8C/L35A Group
(D): Under development
Figure 1.1
Correspondence of Part No., with Memory Size and Package of R8C/L35A Group
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F2L357ANFP
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
N Version
R5F2L358ANFP
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2L35AANFP
(D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L35CANFP
(D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L357ADFP
(D)
48 Kbytes
1 Kbyte
× 4
6 Kbytes
PLQP0052JA-A
D Version
R5F2L358ADFP
(D)
64 Kbytes
1 Kbyte
× 4
8 Kbytes
PLQP0052JA-A
R5F2L35AADFP
(D)
96 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
R5F2L35CADFP
(D)
128 Kbytes
1 Kbyte
× 4
10 Kbytes
PLQP0052JA-A
Current of Jan 2009
Part No. R 5 F 2L 35 C A N FP
Package type:
FP, FA: LQFP
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/L35A Group
R8C/Lx Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com