Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRPLCFL5E Datasheet(PDF) 13 Page - International Rectifier

Part # IRPLCFL5E
Description  CFL Ballast for 26W/Spiral Lamp, 220VAC Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL5E Datasheet(HTML) 13 Page - International Rectifier

Back Button IRPLCFL5E Datasheet HTML 7Page - International Rectifier IRPLCFL5E Datasheet HTML 8Page - International Rectifier IRPLCFL5E Datasheet HTML 9Page - International Rectifier IRPLCFL5E Datasheet HTML 10Page - International Rectifier IRPLCFL5E Datasheet HTML 11Page - International Rectifier IRPLCFL5E Datasheet HTML 12Page - International Rectifier IRPLCFL5E Datasheet HTML 13Page - International Rectifier IRPLCFL5E Datasheet HTML 14Page - International Rectifier IRPLCFL5E Datasheet HTML 15Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IRPLCFL5E
www.irf.com
13
8. IRPLCFL5E Layout
The Layout of the Reference Kit IRPLCFL5E is shown in Fig. 8.1.
The critical components are CVCC, CVCO, RFMIN and CBOOT. They must be placed as close as
possible to the pins of the IR2520D. The ground of CCVO, RFMIN and CVCC need to be connected
to pin COM of the IR2520D and this ground path must be connected to the power ground at a single
point.
Figure 8.1: IRPLCFL5E Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com