Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9954XPTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9954XPTR
Description  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954XPTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9954XPTR Datasheet HTML 18Page - STMicroelectronics L9954XPTR Datasheet HTML 19Page - STMicroelectronics L9954XPTR Datasheet HTML 20Page - STMicroelectronics L9954XPTR Datasheet HTML 21Page - STMicroelectronics L9954XPTR Datasheet HTML 22Page - STMicroelectronics L9954XPTR Datasheet HTML 23Page - STMicroelectronics L9954XPTR Datasheet HTML 24Page - STMicroelectronics L9954XPTR Datasheet HTML 25Page - STMicroelectronics L9954XPTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Application information
L9954 / L9954XP
22/37
Doc ID 14279 Rev 3
3.13
Programmable softstart function to drive loads with higher
inrush current
Loads with start-up currents higher than the over-current limits (e.g. inrush current of lamps,
start current of motors and cold resistance of heaters) can be driven by using the
programmable softstart function (i.e. overcurrent recovery mode). Each driver has a
corresponding over-current recovery bit. If this bit is set, the device will automatically switch-
on the outputs again after a programmable recovery time. The duty cycle in over-current
condition can be programmed by the SPI interface to be about 15% ...25%. The PWM
modulated current will provide sufficient average current to power up the load (e.g. heat up
the bulb) until the load reaches operating condition. The PWM frequency settles at 1.5 kHz
or 3 kHz. The device itself cannot distinguish between a real overload and a non linear load
like a light bulb. A real overload condition can only be qualified by time. As an example the
microcontroller can switch on light bulbs by setting the over-current recovery bit for the first
50ms. After clearing the recovery bit the output will be automatically disabled if the overload
condition still exits.
Figure 9.
Example of programmable softstart function for inductive loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com