Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F212BCSNFA Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # R5F212BCSNFA
Description  RENESAS MCU
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F212BCSNFA Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button R5F212BCSNFA Datasheet HTML 58Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 59Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 60Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 61Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 62Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 63Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 64Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 65Page - Renesas Technology Corp R5F212BCSNFA Datasheet HTML 66Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
A - 2
REVISION HISTORY
R8C/2A Group, R8C/2B Group Datasheet
0.30
Dec 22, 2006
19
Table 4.1;
• 000Ah: “00XXX000b”
→ “00h” revised
• 0008h: “Module Standby Control Register”
→ “Module Operation Enable Register” revised
• 000Fh: “00011111b”
→ “00X11111b” revised
37
Table 5.11 revised
1.00
Feb 09, 2007
All pages “Preliminary” deleted
3
Table 1.2 revised
5
Table 1.4 revised
6
Table 1.5 and Figure 1.1 revised
7
Table 1.6 and Figure 1.2 revised
17
Figure 3.1 revised
18
Figure 3.2 revised
19
Table 4.1;
• 0008h: “Module Standby Control Register”
→ “Module Operation Enable Register” revised
• 000Ah: “00XXX000b”
→ “00h” revised
• 000Fh: “00011111b”
→ “00X11111b” revised
• 002Bh: “High-Speed On-Chip Oscillator Control Register 6” added
23
Table 4.5;
0105h: “LIN Control Register 2” register name revised
31
Table 5.2 revised
32
Table 5.3 and Table 5.4; NOTE1 revised
37
Table 5.11 revised
44
Table 5.17 revised
46
Table 5.21 and Figure 5.11; “i = 0 to 2” revised
48
Table 5.24 revised
50
Table 5.28 revised, Figure 5.16 “i = 0 to 2” revised
52
Table 5.31 revised
53
Table 5.34 revised
54
Table 5.35 and Figure 5.21; “i = 0 to 2” revised
2.00
Oct 17, 2007
All pages “PTLG0064JA-A (64F0G) package” added
3, 5
Table 1.2 and Table 1.4;
• Operating Ambient Temperature: Y version added
• Package: 64-pin FLGA added
6 to 7
Table 1.5 and Figure 1.1 revised
8
Table 1.6 and Figure 1.2 revised
10
Figure 1.4 “64-pin LQFP Package” added
11
Figure 1.5 added
19 to 20 Figure 3.1 and Figure 3.2 revised
24
Table 4.4;
00F5h: “00h”
→ “000000XXb” revised
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com