Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

028N06LS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # 028N06LS
Description  OptiMOS3 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

028N06LS Datasheet(HTML) 1 Page - Infineon Technologies AG

  028N06LS Datasheet HTML 1Page - Infineon Technologies AG 028N06LS Datasheet HTML 2Page - Infineon Technologies AG 028N06LS Datasheet HTML 3Page - Infineon Technologies AG 028N06LS Datasheet HTML 4Page - Infineon Technologies AG 028N06LS Datasheet HTML 5Page - Infineon Technologies AG 028N06LS Datasheet HTML 6Page - Infineon Technologies AG 028N06LS Datasheet HTML 7Page - Infineon Technologies AG 028N06LS Datasheet HTML 8Page - Infineon Technologies AG 028N06LS Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSC028N06LS3 G
OptiMOSTM3 Power-Transistor
Features
• Ideal for high frequency switching and sync. rec.
• Optimized technology for DC/DC converters
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance RDS(on)
• Superior thermal resistance
• N-channel, logic level
• 100% avalanche tested
• Pb-free plating; RoHS compliant
• Qualified according to JEDEC
1) for target applications
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
100
A
V GS=10 V, T C=100 °C
100
V GS=4.5 V, T C=25 °C
100
V GS=4.5 V,
T C=100 °C
84
V GS=10 V, T A=25 °C,
R thJA=50 K/W
2)
23
Pulsed drain current
3)
I D,pulse
T C=25 °C
400
Avalanche energy, single pulse
4)
E AS
I D=50 A, R GS=25 Ω
298
mJ
Gate source voltage
V GS
±20
V
4) See figure 13 for more detailed information
Value
1) J-STD20 and JESD22
3) See figure 3 for more detailed information
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
V DS
60
V
R DS(on),max
2.8
m
Ω
I D
100
A
Product Summary
Type
BSC028N06LS3 G
Package
PG-TDSON-8
Marking
028N06LS
Rev. 2.2
page 1
2009-10-22


Similar Part No. - 028N06LS

ManufacturerPart #DatasheetDescription
logo
Pro-Power
028 PROPOWER-028 Datasheet
91Kb / 1P
Wires
02/06/12 V1.1
028 PROPOWER-028 Datasheet
120Kb / 1P
Switchgear Wire Type BU
24/01/13 V1.0
logo
WAGO Kontakttechnik Gmb...
028-000 WAGO-028-000 Datasheet
388Kb / 7P
SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
028-004 WAGO-028-004 Datasheet
388Kb / 7P
SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
More results

Similar Description - 028N06LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC190N15NS3G INFINEON-BSC190N15NS3G Datasheet
376Kb / 9P
OptiMOS3 Power-Transistor
Rev. 2.4 2009-11-04
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPA093N06N3 INFINEON-IPA093N06N3 Datasheet
550Kb / 9P
OptiMOS3 Power Transistor
2010-05-03 revision:2.0
IPB019N08N3G INFINEON-IPB019N08N3G Datasheet
695Kb / 9P
OptiMOS3 Power-transistor
2009-11-16 revision:2.3
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com