Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4998S3C Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4998S3C
Description  Programmable Linear Hall Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S3C Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4998S3C Datasheet HTML 17Page - Infineon Technologies AG TLE4998S3C Datasheet HTML 18Page - Infineon Technologies AG TLE4998S3C Datasheet HTML 19Page - Infineon Technologies AG TLE4998S3C Datasheet HTML 20Page - Infineon Technologies AG TLE4998S3C Datasheet HTML 21Page - Infineon Technologies AG TLE4998S3C Datasheet HTML 22Page - Infineon Technologies AG TLE4998S3C Datasheet HTML 23Page - Infineon Technologies AG TLE4998S3C Datasheet HTML 24Page - Infineon Technologies AG TLE4998S3C Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TLE4998S3C
Signal Processing
Data Sheet
21
Rev 1.1, 2009-09
6.5
Clamping
The clamping function is useful for separating the output range into an operating range
and error ranges. If the magnetic field is exceeding the selected measurement range, the
output value
OUT is limited to the clamping values. Any value in the error range is
interpreted as an error by the sensor counterpart.
The clamping values are calculated by:
Clamping value low (deactivated if CL=0):
Clamping value high (deactivated if CH=127):
Table 12
Clamping
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Register size
CL,CH
2 x 7
bit
(0...127)
Clamping value low
OUTCL
0
65024
LSB16
1)
1) For CL = 0 and CH = 127, the clamping function is disabled
Clamping value high
OUTCH
511
65535
LSB16
1) 2)
2) OUT
CL < OUTCH mandatory
Clamping quantization
steps
∆OUT
Cx
512
LSB16
3)
3) Quantization starts for CL at 0 LSB
16 and for CH at 65535 LSB16
OUT
CL
CL 32 16
⋅⋅
=
OUT
CH
CH
1
+
() 32 16 1
–
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com